Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STI200N6F3 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STI200N6F3
Description  N-channel 60 V, 3 m廓, 120 A D2PAK, TO-220, I2PAK STripFET??Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI200N6F3 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STI200N6F3 Datasheet HTML 2Page - STMicroelectronics STI200N6F3 Datasheet HTML 3Page - STMicroelectronics STI200N6F3 Datasheet HTML 4Page - STMicroelectronics STI200N6F3 Datasheet HTML 5Page - STMicroelectronics STI200N6F3 Datasheet HTML 6Page - STMicroelectronics STI200N6F3 Datasheet HTML 7Page - STMicroelectronics STI200N6F3 Datasheet HTML 8Page - STMicroelectronics STI200N6F3 Datasheet HTML 9Page - STMicroelectronics STI200N6F3 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Electrical characteristics
STB200N6F3, STI200N6F3, STP200N6F3
6/16
Doc ID 15606 Rev 2
2.1
Electrical characteristics (curves)
Figure 2.
Safe operating area for TO-220,
I²PAK
Figure 3.
Thermal impedance for TO-220,
I²PAK
Figure 4.
Safe operating area for D²PAK
Figure 5.
Thermal impedance for D²PAK
Figure 6.
Output characteristics
Figure 7.
Transfer characteristics
ID
100
10
1
0.1
0.1
1
VDS(V)
10
(A)
Oper
ation
in
thi
s
are
a i
s
Limited
by
m
ax
R
DS
(on)
100µs
1ms
10ms
Tj=175°C
Tc=25°C
Single
pulse
AM05515v1
10
-5
10
-4
10
-3
10
-2
10
-1
tp(s)
10
-2
10
-1
K
0.2
0.05
0.02
0.01
0.1
Zth=k Rthj-c
δ=tp/τ
tp
τ
Single pulse
δ=0.5
280tok
10
-5
10
-4
10
-3
10
-2
10
-1
tp(s)
10
-2
10
-1
K
0.2
0.05
0.02
0.01
0.1
Zth=k Rthj-c
δ=tp/τ
tp
τ
Single pulse
δ=0.5
280tok
ID
150
100
50
0
0
2
VDS(V)
4
(A)
1
3
5
200
250
5V
6V
7V
VGS=10V
300
350
AM05516v1
ID
150
100
50
0
0
4
VGS(V)
8
(A)
2
6
10
200
250
VDS=10V
300
350
AM05517v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com