Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STI200N6F3 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STI200N6F3
Description  N-channel 60 V, 3 m廓, 120 A D2PAK, TO-220, I2PAK STripFET??Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI200N6F3 Datasheet(HTML) 3 Page - STMicroelectronics

  STI200N6F3 Datasheet HTML 1Page - STMicroelectronics STI200N6F3 Datasheet HTML 2Page - STMicroelectronics STI200N6F3 Datasheet HTML 3Page - STMicroelectronics STI200N6F3 Datasheet HTML 4Page - STMicroelectronics STI200N6F3 Datasheet HTML 5Page - STMicroelectronics STI200N6F3 Datasheet HTML 6Page - STMicroelectronics STI200N6F3 Datasheet HTML 7Page - STMicroelectronics STI200N6F3 Datasheet HTML 8Page - STMicroelectronics STI200N6F3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
STB200N6F3, STI200N6F3, STP200N6F3
Electrical ratings
Doc ID 15606 Rev 2
3/16
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage (VGS=0)
60
V
VGS
Gate-source voltage
± 20
V
ID
(1)
1.
Current limited by package.
Drain current (continuous) at TC = 25°C
120
A
ID
(1)
Drain current (continuous) at TC=100°C
120
A
IDM
(2)
2.
Pulse width limited by safe operating area.
Drain current (pulsed)
480
A
PTOT
Total dissipation at TC = 25°C
330
W
Derating factor
2.2
W/°C
EAS
(3)
3.
Starting Tj = 25 °C, ID = 60 A, VDD = 35 V (see Figure 18 and Figure 19)
Single pulse avalanche energy
918
mJ
Tj
Tstg
Operating junction temperature
storage temperature
-55 To 175
°C
Table 3.
Thermal data
Symbol
Parameter
TO-220/I²PAK
D²PAK
Unit
Rthj-case
Thermal resistance junction-case
0.45
°C/W
Rthj-a
Thermal resistance junction-ambient
max
62.5
°C/W
Rthj-pcb(1)
1.
When mounted on 1 inch² FR4 2oz Cu.
Thermal resistance junction-ambient
max
50
°C/W
Tl
Maximum lead temperature for
soldering purpose
300
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com