Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UA741CDCDT Datasheet(PDF) 9 Page - STMicroelectronics

Part # UA741CDCDT
Description  General-purpose single operational amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UA741CDCDT Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UA741CDCDT Datasheet HTML 3Page - STMicroelectronics UA741CDCDT Datasheet HTML 4Page - STMicroelectronics UA741CDCDT Datasheet HTML 5Page - STMicroelectronics UA741CDCDT Datasheet HTML 6Page - STMicroelectronics UA741CDCDT Datasheet HTML 7Page - STMicroelectronics UA741CDCDT Datasheet HTML 8Page - STMicroelectronics UA741CDCDT Datasheet HTML 9Page - STMicroelectronics UA741CDCDT Datasheet HTML 10Page - STMicroelectronics UA741CDCDT Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
DocID5304 Rev 3
9/11
UA741
Package information
11
4.2
SO8 package information
Figure 3. SO8 package mechanical drawing
Table 5. SO8 package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A1.75
0.069
A1
0.10
0.25
0.004
0.010
A2
1.25
0.049
b
0.28
0.48
0.011
0.019
c
0.17
0.23
0.007
0.010
D
4.80
4.90
5.00
0.189
0.193
0.197
E
5.80
6.00
6.20
0.228
0.236
0.244
E1
3.80
3.90
4.00
0.150
0.154
0.157
e
1.27
0.050
h
0.25
0.50
0.010
0.020
L
0.40
1.27
0.016
0.050
L1
1.04
0.040
k0
8 °
1 °
8 °
ccc
0.10
0.004



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com