Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UA741CDCDT Datasheet(PDF) 10 Page - STMicroelectronics

Part # UA741CDCDT
Description  General-purpose single operational amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UA741CDCDT Datasheet(HTML) 10 Page - STMicroelectronics

Back Button UA741CDCDT Datasheet HTML 3Page - STMicroelectronics UA741CDCDT Datasheet HTML 4Page - STMicroelectronics UA741CDCDT Datasheet HTML 5Page - STMicroelectronics UA741CDCDT Datasheet HTML 6Page - STMicroelectronics UA741CDCDT Datasheet HTML 7Page - STMicroelectronics UA741CDCDT Datasheet HTML 8Page - STMicroelectronics UA741CDCDT Datasheet HTML 9Page - STMicroelectronics UA741CDCDT Datasheet HTML 10Page - STMicroelectronics UA741CDCDT Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Ordering information
UA741
10/11
DocID5304 Rev 3
5
Ordering information
6
Revision history
Table 6. Order codes
Order code
Temperature
range
Package
Packing
Marking
UA741CN
0° C, +70° C
DIP8
Tube
UA741CN
UA741CD/CDT
SO-8
Tube or
tape & reel
741C
UA741IN
-40° C, +105° C
DIP8
Tube
UA741IN
UA741ID/IDT
SO-8
Tube or tape &
reel
741I
Table 7. Document revision history
Date
Revision
Changes
01-Nov-2001
1
Initial release.
25-May-2009
2
Document reformatted.
Added ESD values and thermal resistances in Table 1: Absolute
maximum ratings.
Added Table 2: Operating conditions.
Removed UA741M information and order code in Table 6.
02-Sep-2013
3
Table 6: Order codes: updated marking for order codes
UA741CD/CDT and UA741ID/IDT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com