Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXGD3103 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXGD3103
Description  New Synchronous Rectifier Controller further improves power supply efficiency
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXGD3103 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXGD3103 Datasheet HTML 1Page - Diodes Incorporated ZXGD3103 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.diodes.com
New Product
Announcement
New Synchronous Rectifier Controller
further improves power supply efficiency
ZXGD3103N8
Applications
Circuit Topologies
• Low power adapters
• Set Top Box
• LCD TV
• Auxiliary supplies
• High Power Adapters
• Street Lighting
• Servers
• ATX
• Set Top box
Flyback Converter
LLC Converter
Multiple Output Flyback Converter
Issue Number | 00
2
July 2010
P1
S2
+12V
S1
S3
RBIAS
RREF
L
N
X2-C
L3
BR
Vcc
HV
GND
FB
D
GND
T1
NTC
U1
U4
ZXGD3103
REF
BIAS
GATEL
GATEH GND
DRAIN
Vcc
+5V
Rtn
Rtn
+3.3V
Synchronous MOSFET
Synchronous MOSFET



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com