Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXGD3103 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXGD3103
Description  New Synchronous Rectifier Controller further improves power supply efficiency
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXGD3103 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXGD3103 Datasheet HTML 1Page - Diodes Incorporated ZXGD3103 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.diodes.com
With the drive to save power gaining
momentum, synchronous
rectification is being adopted into
more and more power supply
designs. Replacing the secondary
side rectifier diodes with low on-
resistance MOSFETs can cut the
rectifier losses by 60~70% giving an
overall efficiency saving of up to
3.5%.
The ZXGD3103N8 has been designed
to control and switch the MOSFET to
provide optimum performance,
thereby minimising the switching
and on state losses to improve the
overall power supply efficiency.
Proportional Gate drive is the main
differentiator when compared to
competing solutions. By backing off
the voltage applied to the MOSFET
Gate as the Drain current falls
ensures that the detector does not
turn off the MOSFET too early in the
cycle resulting in lost efficiency.
Competing solutions use direct drive
which means the MOSFET is kept
fully enhanced often resulting in the
detector threshold being reached
before the on cycle is complete.
The other advantage of the
Proportional Gate Drive is that at the
point when the MOSFET is required
to turn-off the current, there is less
Gate charge to overcome than if the
MOSFET was still fully enhanced
ensuring faster turn-off to minimize
shoot through and body diode
conduction.
For samples and quotations please
contact your nearest Diodes sales
office or representative.
New Product
Announcement
New Synchronous Rectifier Controller
further improves power supply efficiency
Proportional Gate Drive
Prevents premature turn-off of the synchronous MOSFET giving optimum performance
Turn-off propagation delay and fall times of 15 and 21ns respectively
Prevents reverse conduction and minimises shoot through current ensuring high
efficiency operation
Turn-on propagation delay of
150ns
Reduces body diode conduction in the synchronous MOSFET, reducing losses.
Suitable for power supplies switching up to 300kHz
Operating voltage range 5 to 15V
Adaptable in various supply configuration
180V sensing input
Permits direct connection to the MOSFET Drain without the need for external
protection components
The Diodes’ Advantage
ZXGD3103N8
Issue Number | 00
2
July 2010
GATEL 3
GATEH 4
REF 2
N/C 1
8 DRAIN
7 BIAS
6 GND
5 VCC
SO-8


Similar Part No. - ZXGD3103

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXGD3103N8 DIODES-ZXGD3103N8 Datasheet
286Kb / 12P
SYNCHRONOUS MOSFET CONTROLLER
DS32255 Rev. 2 - 2
ZXGD3103N8 DIODES-ZXGD3103N8 Datasheet
313Kb / 12P
SYNCHRONOUS MOSFET CONTROLLER
Rev erse
ZXGD3103N8 DIODES-ZXGD3103N8 Datasheet
379Kb / 12P
SYNCHRONOUS MOSFET CONTROLLER
Rev erse
ZXGD3103N8TC DIODES-ZXGD3103N8TC Datasheet
313Kb / 12P
SYNCHRONOUS MOSFET CONTROLLER
Rev erse
ZXGD3103N8TC DIODES-ZXGD3103N8TC Datasheet
379Kb / 12P
SYNCHRONOUS MOSFET CONTROLLER
Rev erse
More results

Similar Description - ZXGD3103

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2630 NSC-LM2630 Datasheet
265Kb / 14P
Synchronous Step-Down Power Supply Controller
LM2631 NSC-LM2631 Datasheet
265Kb / 12P
Synchronous Step-Down Power Supply Controller
logo
Analog Devices
ADP3020 AD-ADP3020 Datasheet
304Kb / 22P
High-Efficiency Notebook Computer Power Supply Controller
REV.0
ADP3025 AD-ADP3025 Datasheet
609Kb / 24P
High Efficiency Dual Output Power Supply Controller
4/04-Data Sheet changed from Rev. 0 to Rev. A
ADP3026 AD-ADP3026 Datasheet
737Kb / 19P
High-Efficiency Notebook Computer Power Supply Controller
logo
Microsemi Corporation
NX2155H MICROSEMI-NX2155H Datasheet
770Kb / 17P
SINGLE POWER SUPPLY SYNCHRONOUS PWM CONTROLLER
logo
Analog Devices
ADP3020 AD-ADP3020_15 Datasheet
309Kb / 22P
High-Efficiency Notebook Computer Power Supply Controller
REV. 0
ADP3025 AD-ADP3025_15 Datasheet
1Mb / 24P
High Efficiency Dual Output Power Supply Controller
REV. A
ADP3026 AD-ADP3026_15 Datasheet
542Kb / 20P
High Efficiency Dual Power Supply Controller
REV. 0
logo
Microchip Technology
MIC2182 MICROCHIP-MIC2182 Datasheet
2Mb / 40P
High-Efficiency Synchronous Buck Controller
09/14/21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com