Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXGD3102 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # ZXGD3102
Description  ACTIVE OR?섾NG CONTROLLER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXGD3102 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button ZXGD3102 Datasheet HTML 2Page - Diodes Incorporated ZXGD3102 Datasheet HTML 3Page - Diodes Incorporated ZXGD3102 Datasheet HTML 4Page - Diodes Incorporated ZXGD3102 Datasheet HTML 5Page - Diodes Incorporated ZXGD3102 Datasheet HTML 6Page - Diodes Incorporated ZXGD3102 Datasheet HTML 7Page - Diodes Incorporated ZXGD3102 Datasheet HTML 8Page - Diodes Incorporated ZXGD3102 Datasheet HTML 9Page - Diodes Incorporated ZXGD3102 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Issue 4, May 2009
6
www.diodes.com
©Diodes Incorporated 2008
ZXGD3102T8
Typical characteristics
-0.14 -0.12 -0.10 -0.08 -0.06 -0.04 -0.02 0.00
0
2
4
6
8
10
-0.14 -0.12 -0.10 -0.08 -0.06 -0.04 -0.02 0.00
0
2
4
6
8
10
12
14
16
-0.14 -0.12 -0.10 -0.08 -0.06 -0.04 -0.02 0.00
0
2
4
6
8
10
-0.14 -0.12 -0.10 -0.08 -0.06 -0.04 -0.02 0.00
2
4
6
8
10
12
14
16
-50
-25
0
25
50
75
100
125
150
-50
-45
-40
-35
-30
-25
-20
-15
Transfer Characteristic
V
D
Drain Voltage (V)
T = -40°C
T = 25°C
T = 125°C
V
CC
=10V
R
BIAS
=3.3kΩ
R
REF
=3.9kΩ
R
LOAD
=100kΩ
V
CC
= 15V
V
CC
= 14V
V
CC
= 12V
V
CC
= 10V
V
CC
= 8V
V
CC
= 6V
Transfer Characteristic
V
D
Drain Voltage (V)
R
BIAS
=3.3kΩ R
REF
=3.9kΩ
R
LOAD
=100kΩ T = 25°C
Transfer Characteristic
V
D
Drain Voltage (V)
V
CC
=10V
R
BIAS
=3.9kΩ
R
REF
=3.9kΩ
R
LOAD
=100kΩ
T = -40°C
T = 25°C
T = 125°C
R
BIAS
=3.9kΩ R
REF
=3.9kΩ
R
LOAD
=100kΩ T = 25°C
Transfer Characteristic
V
D
Drain Voltage (V)
V
CC
= 15V
V
CC
= 14V
V
CC
= 12V
V
CC
= 10V
V
CC
= 8V
V
CC
= 6V
R
BIAS
=3.3kΩ
R
REF
=3.9kΩ
R
BIAS
=3.9kΩ
R
REF
=3.9kΩ
Turn-Off Voltage vs Temperature
Temperature (°C)
V
CC
= 10V
I
SINK
=1mA
V
G
= 1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com