Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXGD3102 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # ZXGD3102
Description  ACTIVE OR?섾NG CONTROLLER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXGD3102 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button ZXGD3102 Datasheet HTML 7Page - Diodes Incorporated ZXGD3102 Datasheet HTML 8Page - Diodes Incorporated ZXGD3102 Datasheet HTML 9Page - Diodes Incorporated ZXGD3102 Datasheet HTML 10Page - Diodes Incorporated ZXGD3102 Datasheet HTML 11Page - Diodes Incorporated ZXGD3102 Datasheet HTML 12Page - Diodes Incorporated ZXGD3102 Datasheet HTML 13Page - Diodes Incorporated ZXGD3102 Datasheet HTML 14Page - Diodes Incorporated ZXGD3102 Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Issue 4, May 2009
12
www.diodes.com
©Diodes Incorporated 2008
ZXGD3102T8
0V
Vcc
10V supply
D
G
S
DRAIN
GATEH GND
REF
BIAS
Vcc
GATEL
ZXGD3102
RREF
POWER
SUPPLY A
LOAD
OR’ing MOSFET 30V
RBIAS
CBIAS
Vcc
D
G
S
DRAIN
GATEH GND
REF
BIAS
Vcc
GATEL
ZXGD3102
RREF
POWER
SUPPLY B
OR’ing MOSFET 30V
RBIAS
CBIAS
RG
RG
Common bus
0V
Figure 3: Positive rail power supply active OR’ing evaluation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com