Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXGD3101EV2 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXGD3101EV2
Description  The purpose of this board is to demonstrate synchronous rectification and driving of a MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXGD3101EV2 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXGD3101EV2 Datasheet HTML 1Page - Diodes Incorporated ZXGD3101EV2 Datasheet HTML 2Page - Diodes Incorporated ZXGD3101EV2 Datasheet HTML 3Page - Diodes Incorporated ZXGD3101EV2 Datasheet HTML 4Page - Diodes Incorporated ZXGD3101EV2 Datasheet HTML 5Page - Diodes Incorporated ZXGD3101EV2 Datasheet HTML 6Page - Diodes Incorporated ZXGD3101EV2 Datasheet HTML 7Page - Diodes Incorporated ZXGD3101EV2 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ZXGD3101EV2
Issue 1 – December 2009
www.diodes.com
© Diodes Incorporated 2009
2
Figure 2: Evaluation board schematic diagram and connection
Please note that the component part numbers are given as a guide only. Due to continual component
development, all parts quoted should be checked for suitability and availability with their respective
manufacturers.
Table 1: Evaluation board component details (BOM)
Ref.
Value
Package
Part number
Manufacturer
Notes
U1
ZXGD3101
SO8
ZXGD3101N8
Diodes Zetex
Q1
FMMTA92
SOT23
FMMTA92
Diodes Zetex
Q2
FMMT491A
SOT23
FMMT491A
Diodes Zetex
500mW
D1
11V Zener
SOT23
BZX84C11
Diodes Inc.
300mW
C1
1uF 50V
1206
C1206X105K5RAC
Kemet
X7R 10%
R1
8.2k
0805
Generic
125mW, 1%, 200ppm/ºC
R2
1K
0805
Generic
125mW, 1%, 200ppm/ºC
R3
100
0805
Generic
125mW, 1%, 200ppm/ºC
R4
10k
0805
Generic
125mW, 1%, 200ppm/ºC
Rbias
1.8k
1206
Generic
125mW, 5%, 200ppm/ºC
Rgate
0R
1206
Generic
125mW, 5%, 200ppm/ºC
Rref
3K
1206
Generic
125mW, 5%, 200ppm/ºC
P1
2-way terminal
Generic
P2
3-way header
Generic



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com