Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXGD3101EV2 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXGD3101EV2
Description  The purpose of this board is to demonstrate synchronous rectification and driving of a MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXGD3101EV2 Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXGD3101EV2 Datasheet HTML 1Page - Diodes Incorporated ZXGD3101EV2 Datasheet HTML 2Page - Diodes Incorporated ZXGD3101EV2 Datasheet HTML 3Page - Diodes Incorporated ZXGD3101EV2 Datasheet HTML 4Page - Diodes Incorporated ZXGD3101EV2 Datasheet HTML 5Page - Diodes Incorporated ZXGD3101EV2 Datasheet HTML 6Page - Diodes Incorporated ZXGD3101EV2 Datasheet HTML 7Page - Diodes Incorporated ZXGD3101EV2 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ZXGD3101EV2
Issue 1 – December 2009
www.diodes.com
© Diodes Incorporated 2009
3
Evaluation procedure and operation
To perform a quick functional test of the ZXGD3101, the evaluation board can be used to drive a
MOSFET as a diode replacement in high-side-rectification (see Fig. 3a), as the board can float to any
potential. In practice, the supply voltage could be derived from an auxiliary supply winding across the
transformer secondary. If the board is used for comparison against an existing synchronous
rectification solution, the existing controller must disabled before proceed with the testing.
The recommended device implementation is low side synchronous rectification (Fig. 3b), due to the
ease of acquiring the required supply voltage directly, either from the power supply output post
bleeder resistor, or from the emitter-follower-configured transistor. Before doing this test, it is
important that the existing diode has been removed and/or a short has been applied across its
cathode and anode terminals. The track linking the negative terminal of the converter’s output
capacitor to the transformer secondary-side output should then be cut, and a MOSFET should be
inserted. In general, the MOSFET should be selected to drop between 50 to 150mV at the peak of the
secondary-side current to ensure MOSFET enhancement. The breakdown voltage of the MOSFET
must be higher than the maximum drain-source voltage stress, plus some margin. Designers
interested in squeezing the last percent of efficiency out of the module can place an additional
Schottky or Ultra-fast-recovery diode in parallel with MOSET. The diode prevents body-diode
conduction, so the trace inductance between it and the MOSFET should be kept small to create an
efficient circulating energy flow path.
Figure 3 Test options for ZXGD3101EV1 a) high side and b) low side
(a)
(b)
Figure 3: Test options for ZXGD3101EV2
a) high side and b) low side
To check for functionality, the circuit waveforms should be probed using an oscilloscope probe with a
minimal length for the ground pin, and the probe should be connected directly to the pins of the
device. If a current probe or transformer is used to measure reverse current flow, excessive wire-loop-
inductance and injection of noise, which could disturb normal functioning of the controller, should be
avoided.
At synchronous MOSFET turn-on, current starts to flow through the body-diode after the primary
switch turn-off (see Fig. 4). When this occurs, the drain of the MOSFET will be around -1.25V with
respect to ground, due to body-diode conduction. The detector stage within the ZXGD3101
determines when the MOSFET needs to turn on by measuring the change in polarity of the VSD
differential voltage, which, in turn, determines when the current is flowing through the secondary side.
The turn-off phase of the ZXGD3101 happens differently depending on the mode of operation. It
should be noted that the device is most suited to discontinuous and critical conduction mode, however



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com