Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL0902 Datasheet(PDF) 1 Page - RFHIC

Part # CL0902
Description  Low Noise Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

CL0902 Datasheet(HTML) 1 Page - RFHIC

  CL0902_14 Datasheet HTML 1Page - RFHIC CL0902_14 Datasheet HTML 2Page - RFHIC CL0902_14 Datasheet HTML 3Page - RFHIC CL0902_14 Datasheet HTML 4Page - RFHIC CL0902_14 Datasheet HTML 5Page - RFHIC CL0902_14 Datasheet HTML 6Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Low Noise Amplifier
CL0902-L / CL1502-L
CL1802-L / CL2102-L
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
1 / 6
Version 6.3
Product Features
Applications
• GaAs p-HEMT chip on board
• No matching circuit needed
• High Maximum input power(+25dBm)
• High IP3 & Low Noise
• Single Supply Voltage (+5V)
• Surface Mount Hybrid Type
• Tape & Reel Packaging
• Small Size, High Heatsink
• Alumina Substrate
• Pb Free / RoHS Standard
• 2G & 3G Repeater
• Base Station
• PCS, CDMA, W-CDMA
• GSM, DCS, UMTS
• WiMAX, Wibro, WLAN
• RF Sub-Systems
Description
RFHIC’s LOW Noise Amplifier series are all hybrid LNA type products which includes all matching for the convenience of customers.
CL series are focused on giving lowest noise possible. The structure of the device is built with GaAs p-HEMT die attached on a
ceramic thick film substrate. The device is still smaller than the area one would use for the application notes all together. Depending on
the part number, one can use this in different frequency applications. All LNA hybrids are possible to have custom frequency & spec
without any additional NRE cost involved. All RFHIC products are RoHS compliant.
Electrical Specifications
PARAMETER
UNIT
CL0902-L
CL1502-L
CL1802-L
CL2102-L
Frequency Range
MHz
824 ~ 894
(Cellular)
890 ~ 960
(GSM)
1400 ~ 1600
1700 ~ 2000
1850 ~ 2200
Small Signal Gain (S21)
dB
21
20
17
16
15
Gain Flatness
dB
±0.5
±0.5
±0.5
±0.5
±1.0
Input Return Loss (S11)
dB
-17
-17
-17
-18
-18
Output Return Loss (S22)
dB
-8.5
-8.5
-10
-10
-10
1dB Compression Point (P1dB)
dBm
20
20
21
21
20
Output 3
rd Order Intercept Point
(OIP3) (TYP.)
dBm
31
31
33
33
33
Noise Figure (TYP.)
dB
0.7
0.7
0.6
0.6
0.6
DC Supply
Current (Vdc=+5V)
mA
100
100
90
100
100
Test Condition
① Supply voltage = +5V, 50ohm System, Ta = 25℃
② OIP3 is measured with two tones, at an output power of +0dBm/tone separated by 1MHz.
Package Type : CP-16A


Similar Part No. - CL0902_14

ManufacturerPart #DatasheetDescription
logo
RFHIC
CL0902-L RFHIC-CL0902-L Datasheet
256Kb / 5P
Low Noise Amplifier
More results

Similar Description - CL0902_14

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA8310 TRIQUINT-TGA8310 Datasheet
262Kb / 11P
Low-Noise Amplifier
logo
Tyco Electronics
AM50-0002V7 MACOM-AM50-0002V7 Datasheet
214Kb / 5P
Low Noise Amplifier
logo
ams AG
SIGE AMSCO-SIGE Datasheet
91Kb / 1P
Low-Noise-Amplifier
logo
List of Unclassifed Man...
RGLNA10 ETC2-RGLNA10 Datasheet
44Kb / 2P
Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAAL-007673 MA-COM-MAAL-007673 Datasheet
136Kb / 4P
Low Noise Amplifier
MAAL-010704 MA-COM-MAAL-010704 Datasheet
507Kb / 14P
Low Noise Amplifier
MAALSS0048 MA-COM-MAALSS0048 Datasheet
262Kb / 8P
Low Noise Amplifier
XL1002-BD MA-COM-XL1002-BD Datasheet
936Kb / 10P
Low Noise Amplifier
logo
RFHIC
CL3501_L RFHIC-CL3501_L_14 Datasheet
714Kb / 6P
Low Noise Amplifier
CL2701-L RFHIC-CL2701-L_14 Datasheet
676Kb / 6P
Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com