Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL0902 Datasheet(PDF) 5 Page - RFHIC

Part # CL0902
Description  Low Noise Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

CL0902 Datasheet(HTML) 5 Page - RFHIC

  CL0902_14 Datasheet HTML 1Page - RFHIC CL0902_14 Datasheet HTML 2Page - RFHIC CL0902_14 Datasheet HTML 3Page - RFHIC CL0902_14 Datasheet HTML 4Page - RFHIC CL0902_14 Datasheet HTML 5Page - RFHIC CL0902_14 Datasheet HTML 6Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Low Noise Amplifier
CL0902-L / CL1502-L
CL1802-L / CL2102-L
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
5 / 6
Version 6.3
Package Dimensions (Type: CP-16A)
* Unit: mm[inch] | Tolerance ±0.15[.006]
▲ Top View
▲ Side View
▲ Bottom View
Pin Description
Pin No
Function
Pin No
Function
1
GND
4
GND
2
Input
5
Output
3
GND
6
Vcc
Recommended Pattern
Recommended Mounting Configuration
* Mounting Configuration Notes
1. Ground / thermal via holes are critical for the proper performance of this device.
2. Add as much copper as possible to inner and outer layers near the part to ensure optimal thermal performance.
3. Mounting screws can be added near the part to fasten the board to a heatsink. Ensure that the ground / thermal via hole region contacts the heatsink.
4. Do not put solder mask on the backside of the PCB in the region where the board contacts the heatsink.
5. RF trace width depends upon the PCB material and construction.
6. Use 1 oz. Copper minimum.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com