Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP249 Datasheet(PDF) 3 Page - RFHIC

Part # AP249
Description  High Linearity Drive Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AP249 Datasheet(HTML) 3 Page - RFHIC

  AP249 Datasheet HTML 1Page - RFHIC AP249 Datasheet HTML 2Page - RFHIC AP249 Datasheet HTML 3Page - RFHIC AP249 Datasheet HTML 4Page - RFHIC AP249 Datasheet HTML 5Page - RFHIC AP249 Datasheet HTML 6Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MMIC
AP249
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
3 / 6
Version 5.4
Application Circuit @ 1800MHz
S-Parameter vs. Frequency
OIP3 vs. Frequency
-30
-20
-10
0
10
20
30
40
1700
1740
1780
1820
1860
1900
Fr e q u e n c y (M Hz )
20
25
30
35
40
45
50
1700
1740
1780
1820
1860
1900
Fr e q u e n c y ( M H z )
Noise Figure vs. Frequency
P1dB vs. Frequency
0
2
4
6
8
10
1700
1740
1780
1820
1860
1900
Fr e q u e n c y (M Hz )
20
21
22
23
24
1700
1740
1780
1820
1860
1900
Fr e q u e n c y ( M H z )



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com