Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP249 Datasheet(PDF) 5 Page - RFHIC

Part # AP249
Description  High Linearity Drive Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AP249 Datasheet(HTML) 5 Page - RFHIC

  AP249 Datasheet HTML 1Page - RFHIC AP249 Datasheet HTML 2Page - RFHIC AP249 Datasheet HTML 3Page - RFHIC AP249 Datasheet HTML 4Page - RFHIC AP249 Datasheet HTML 5Page - RFHIC AP249 Datasheet HTML 6Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MMIC
AP249
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
5 / 6
Version 5.4
Package Dimensions (Type: SOIC-8)
* Unit: mm[inch] | Tolerance ±0.2[.008]
Pin Description
Pin No
Function
Pin No
Function
1
RF IN(2)
5
RF OUT(1)
2
GND
6
GND
3
GND
7
GND
4
RF IN(1)
8
RF OUT(2)
Recommended Pattern
Mounting Configuration Notes
1. Ground / thermal via holes are critical for the proper
performance of this device.
2. Add as much copper as possible to inner and outer layers
near the part to ensure optimal thermal performance.
3. Mounting screws can be added near the part to fasten the
board to a heat sink. Ensure that the ground / thermal via
hole region contacts the heat sink.
4. Do not put solder mask on the backside of the PCB in the
region where the board contacts the heat sink.
5. RF trace width depends upon the PCB material and
construction.
6. Use 1 oz. Copper minimum.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com