Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMS2811 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZMS2811
Description  SOD323 SCHOTTKY BARRIER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZMS2811 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZMS2811 Datasheet HTML 1Page - Diodes Incorporated ZMS2811 Datasheet HTML 2Page - Diodes Incorporated ZMS2811 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SOD323 SCHOTTKY BARRIER DIODES
ISSUE 1 – NOVEMBER 1998
7
FEATURES
*
Miniature Surface Mount Packages
*
Low turn-on voltage
*
Pico second switching speed
*
High breakdown voltage
APPLICATIONS
*
Mixers
*
Detectors
*
Switching
PARTMARK
ZMS2800 - BA
ZMS2811 - BC
ZMS5800 - BB
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Forward Current (1
µs pulse)
IF
1A
Power Dissipation at Tamb = 25°C
Ptot
250
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C).
PARAMETER
TYPE
SYMBOL
MIN. TYP. MAX. UNIT CONDITIONS.
Breakdown Voltage
ZMS2800
ZMS2811
ZMS5800
V
BR
70
15
50
V
V
V
IR=10µA
Reverse Leakage
Current
ZMS2800
ZMS2811
ZMS5800
I
R
200
100
200
nA
nA
nA
VR=50V
VR=10V
VR=35V
Forward Voltage
ZMS2800
ZMS2811
ZMS5800
V
F
410
410
410
mV
mV
mV
IF=1mA
Forward Current
ZMS2800
ZMS2811
ZMS5800
I
F
15
20
15
mA
mA
mA
VF=1V
Capacitance
ZC2800E
ZC2811E
ZC5800E
C
T
1.2
1.0
2.0
1.2
2.0
pF
pF
pF
VR=0 V, f=1MHz
Effective Minority
Lifetime (1)
ZC2800E
ZC2811E
ZC5800E
τ
100
100
100
ps
ps
ps
f= 54 MHz
Ipk= 20mA
ZMS2800
ZMS2811
ZMS5800
C
A
SOD323


Similar Part No. - ZMS2811

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZMS2811 ZETEX-ZMS2811 Datasheet
34Kb / 3P
SCHOTTKY BARRIER DIODES
More results

Similar Description - ZMS2811

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZHCS400 DIODES-ZHCS400 Datasheet
142Kb / 6P
SOD323 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE
FEBRUARY 2008
logo
Jiangsu High diode Semi...
1N4448WS HDSEMI-1N4448WS Datasheet
1Mb / 5P
SOD323 Plastic-Encapsulate Diodes
1SS355-SOD323 HDSEMI-1SS355-SOD323 Datasheet
1Mb / 5P
SOD323 Plastic-Encapsulate Diodes
B1040WS HDSEMI-B1040WS Datasheet
2Mb / 4P
SOD323 Plastic-Encapsulate Diodes
B2020WS HDSEMI-B2020WS Datasheet
2Mb / 4P
SOD323 Plastic-Encapsulate Diodes
B5818WS HDSEMI-B5818WS Datasheet
2Mb / 4P
SOD323 Plastic-Encapsulate Diodes
B5819WS HDSEMI-B5819WS Datasheet
2Mb / 4P
SOD323 Plastic-Encapsulate Diodes
BZT52B-SOD323 HDSEMI-BZT52B-SOD323 Datasheet
1Mb / 5P
SOD323 Plastic-Encapsulate Diodes
BZT52C-SOD323 HDSEMI-BZT52C-SOD323 Datasheet
1Mb / 5P
SOD323 Plastic-Encapsulate Diodes
RB551V-30 HDSEMI-RB551V-30 Datasheet
1Mb / 4P
SOD323 Plastic-Encapsulate Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com