Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLLS410 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZLLS410
Description  10V LOW LEAKAGE SCHOTTKY DIODE IN SOD323
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZLLS410 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZLLS410 Datasheet HTML 1Page - Diodes Incorporated ZLLS410 Datasheet HTML 2Page - Diodes Incorporated ZLLS410 Datasheet HTML 3Page - Diodes Incorporated ZLLS410 Datasheet HTML 4Page - Diodes Incorporated ZLLS410 Datasheet HTML 5Page - Diodes Incorporated ZLLS410 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ZLLS410
Document number: DS32080 Rev. 3 - 2
2 of 6
www.diodes.com
March 2012
© Diodes Incorporated
ZLLS410
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Continuous Reverse Voltage
VR
10
V
Continuous Forward Current
IF
750
mA
Peak Repetitive Forward Current
Rectangular Pulse Duty Cycle
IFPK
1.35
A
Non Repetitive Forward Current
t
≤ 100μs
t
≤ 10ms
IFSM
17
4
A
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation, TA = 25°C
Single Die Continuous (Note 4)
Single Die Measured at t < 5 secs (Note 5)
PD
0.33
0.39
W
W
Junction to Ambient (Note 4)
RθJA
379
°C/W
Junction to Ambient (Note 5)
RθJA
317
°C/W
Storage Temperature Range
TSTG
-55 to +150
°C
Notes:
4. For a device surface mounted on 25mm x 25mm x 1.6mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions.
5. For a device surface mounted on FRB PCB measured at t < 5secs.
0
20
40
60
80
100
120
140
160
0.0
0.1
0.2
0.3
0.4
Derating Curve
Temperature (°C)
100µ
1m
10m 100m
1
10
100
1k
0
50
100
150
200
250
300
350
400
T
amb
=25°C
Rectangular Pulse
Transient Thermal Impedance
D=0.5
D=0.2
D=0.1
Single Pulse
D=0.05
Pulse Width (s)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com