Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLLS410 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZLLS410
Description  10V LOW LEAKAGE SCHOTTKY DIODE IN SOD323
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZLLS410 Datasheet(HTML) 3 Page - Diodes Incorporated

  ZLLS410 Datasheet HTML 1Page - Diodes Incorporated ZLLS410 Datasheet HTML 2Page - Diodes Incorporated ZLLS410 Datasheet HTML 3Page - Diodes Incorporated ZLLS410 Datasheet HTML 4Page - Diodes Incorporated ZLLS410 Datasheet HTML 5Page - Diodes Incorporated ZLLS410 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ZLLS410
Document number: DS32080 Rev. 3 - 2
3 of 6
www.diodes.com
March 2012
© Diodes Incorporated
ZLLS410
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage
V(BR)R
10
−
−
V
IR = 200µA
Forward Voltage (Note 6)
VF
−
−
−
285
350
500
300
380
580
mV
mV
mV
IF = 10mA
IF = 100mA
IF = 1A
Reverse Current
IR
−
−
−
−
0.5
0.7
1
−
4
5
6
200
μA
μA
μA
μA
VR = 5V
VR = 8V
VR = 10V
VR = 8V, TA = 85°C
Diode Capacitance
CD
−
37
−
pF
f = 1MHz, VR = 10V
Reverse Recovery Time
Reverse Recovery Charge
trr
Qrr
−
−
3
210
−
−
ns
pC
Switched from IF = 500mA to VR = 5.5V
Measured @ IR = 50mA.
di/dt = 500mA/ns,
Rsource = 6Ω; Rload = 10Ω
Notes:
6. Measured under pulsed conditions. Pulse width
≤ 300μs. Duty cycle < 2%
Operational efficiency chart
The operational efficiency chart indicates the beneficial use of the ZLLS series diodes in applications requiring higher voltage, higher temperature
operation. Circuits requiring low voltage low temperature operation will benefit from using Zetex low VF ZHCS series diodes.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com