Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZHT2431 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZHT2431
Description  HIGH TEMPERATURE ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZHT2431 Datasheet(HTML) 3 Page - Diodes Incorporated

  ZHT2431 Datasheet HTML 1Page - Diodes Incorporated ZHT2431 Datasheet HTML 2Page - Diodes Incorporated ZHT2431 Datasheet HTML 3Page - Diodes Incorporated ZHT2431 Datasheet HTML 4Page - Diodes Incorporated ZHT2431 Datasheet HTML 5Page - Diodes Incorporated ZHT2431 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ZHT2431
Dynamic Impedance vs. Frequency
Frequency (Hz)
1k
10k
100k
0.1
10
1
100
1mA
10mA
Vref = Vz
Change in Vref v Cathode Voltage
Cathode Voltage (V)
515
10
-5
1
0
-1
-2
-3
0
2
-4
Iz = 10mA
Power Dissipation Derating
Ambient Temperature (°C)
50
100
75
0
0.5
25
1.0
125
SOT23
TO92
Reference Voltage v Temperature
Temperature (°C)
025
75
50
1.232
1.234
1.244
1.242
1.240
1.238
1.236
-50 -25
100 125
Cathode Current v Temperature
Temperature (°C)
0 25
75
50
14
16
26
24
22
20
18
-50 -25
100 125
Reference Current v Temperature
Temperature (°C)
025
75
50
Vref = Vz
80
90
140
130
120
110
100
-50 -25
100
Iz=10mA
125
Vref = Vz
TYPICAL CHARACTERISTICS
Iz=10mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com