Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZHT2431 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZHT2431
Description  HIGH TEMPERATURE ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZHT2431 Datasheet(HTML) 4 Page - Diodes Incorporated

  ZHT2431 Datasheet HTML 1Page - Diodes Incorporated ZHT2431 Datasheet HTML 2Page - Diodes Incorporated ZHT2431 Datasheet HTML 3Page - Diodes Incorporated ZHT2431 Datasheet HTML 4Page - Diodes Incorporated ZHT2431 Datasheet HTML 5Page - Diodes Incorporated ZHT2431 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Stablity Boundary Conditions
Load Capacitance(F)
1n
10n
1µ
0
5
30
25
20
15
10
10p
100p
.1µ
10µ
Pulse Response
Time (us)
200
300
500
400
0
2.0
1.0
0
5.0
2.5
0
100
Gain v Frequency
Frequency (Hz)
10k
100k
1M
0
10
60
50
40
30
20
100
1k
STABLE
STABLE
UNSTABLE
INPUT
Single
Pulse
Repetitive
Pulse
Vz
Iz = 10mA
TYPICAL CHARACTERISTICS
IZ
47k
VZ
Test Circuit for Open Loop Voltage Gain
47k
10µF
240Ω
+
-
IZ
= 10mA, TA = 25°C
Test Circuit for Pulse Response
Input Monitor
V
Z
120Ω
50Ω
Pulse
Generator
TA = 25°C
Test Circuit for Stability
Boundary Conditions
Input
150Ω
10k
Vref < VZ < 20, IZ = 10mA, TA = 25°C
VZ
IZ
100µF
ZHT2431



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com