Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRELS Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NRELS
Description  Miniature Aluminum Electrolytic Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRELS Datasheet(HTML) 2 Page - NIC-Components Corp.

  NRELS Datasheet HTML 1Page - NIC-Components Corp. NRELS Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Part Number
Cap.
(
μF)
W.V.
(Vdc))
Dissipation Factor
+20°C/120Hz
Ripple Current Rating (mA)
+85°C/120Hz
Max. ESR (
Ω)
+20°C/120Hz
Load Life Hours
@ +85°C
NRE-LS102M6.3V10x9F
1,000
6.3
0.28
500
0.46
2,000
NRE-LS332M6.3V16x16F
3,300
0.32
1200
0.16
2,000
NRE-LS472M6.3V16x16F
4,700
0.34
1400
0.12
2,000
NRE-LS103M6.3V18x21F
10,000
0.38
2000
0.06
2,000
NRE-LS332M10V16x16F
3,300
10
0.28
1250
0.14
2,000
NRE-LS682M10V18x21F
6,800
0.32
1850
0.08
2,000
NRE-LS471M16V10x9F
470
16
0.20
400
0.70
2,000
NRE-LS222M16V16x16F
2,200
0.22
1100
0.17
2,000
NRE-LS472M16V18x21F
4,700
0.26
1700
0.09
2,000
NRE-LS331M25V10x9F
330
25
0.16
350
0.80
2,000
NRE-LS222M25V16x16F
2,200
0.18
1250
0.13
2,000
NRE-LS332M25V18x21F
3,300
0.20
1700
0.10
2,000
NRE-LS221M35V10x9F
220
35
0.14
300
1.06
2,000
NRE-LS102M35V16x16F
1,000
0.14
1000
0.23
2,000
NRE-LS222M35V18x21F
2,200
0.16
1500
0.12
2,000
NRE-LS471M50V16x16F
470
50
0.12
700
0.42
2,000
NRE-LS102M50V16x21F
1,000
0.12
1000
0.20
2,000
NRE-LS222M50V18x25F
2,200
0.14
1600
0.11
2,000
Miniature Aluminum Electrolytic Capacitors
NRE-LS Series
STANDARD PRODUCT, SPECIFICATIONS AND CASE SIZES D
φ x L (mm)
NRE-LS 221 M 35V 10X9 TB F...
RoHS Compliant
Tape and Box*
Case Size (D
φ x L)
Working Voltage (Vdc)
Tolerance Code (M=20%)
Capacitance Code: First 2 characters
significant, third character is multiplier
Series
PART NUMBER SYSTEM
*see taping specifications for details



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com