Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRELS Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NRELS
Description  Miniature Aluminum Electrolytic Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRELS Datasheet(HTML) 1 Page - NIC-Components Corp.

  NRELS Datasheet HTML 1Page - NIC-Components Corp. NRELS Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Miniature Aluminum Electrolytic Capacitors
REDUCED SIZE, EXTENDED RANGE
LOW PROFILE, RADIAL LEAD, POLARIZED
FEATURES
• LOW PROFILE APPLICATIONS
• HIGH STABILITY AND PERFORMANCE
NRE-LS Series
CHARACTERISTICS
LEAD SPACING AND DIAMETER (mm)
STANDARD PRODUCT AND CASE SIZE TABLE D
φ x L (mm)
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on
pages T10 & T11 of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process
details with NIC’s technical support personnel: tpmg@niccomp.com
Rated Voltage Range
6.3 ~ 50Vdc
Capacitance Range
22 ~ 10,000
μF
Operating Temperature Range
-40 ~ +85°C
Capacitance Tolerance
±20%(M)
Max. Leakage Current @ 20°C
After 1 min.
0.03CV or 4
μA, whichever is greater
After 2 min.
0.01CV or 3
μA, whichever is greater
Max. Tan
δ @ 120Hz/+20°C
W.V. (Vdc)
6.3
10
16
25
35
50
S.V. (Vdc)
8
13
20
32
44
63
C < 1,000
μF
0.28
0.24
0.20
0.16
0.14
0.12
C = 2,200
μF
-
-
0.22
0.18
0.16
0.14
C = 3,300
μF
0.32
0.28
-
0.20
-
-
C = 4,700
μF
0.34
-
0.26
-
-
-
C = 6,800
μF
0.36
0.32
-
-
-
-
C = 10,000
μF
0.38
-
-
-
-
-
Low Temperature Stability
Inpedance Ratio @ 120Hz
Z-25°C/Z+20°C
5
4
3
2
2
2
Z-40°C/Z+20°C
12
10
8
5
4
4
Load Life Test at Rated W.V.
+85°C 2,000 Hours
Capacitance Change
Within ±25% of initial measured value
Tan
δ
Less than 200% of specified maximum value
Leakage Current
Less than specified maximum value
Cap. (
μF) Code
Working Voltage (Vdc)
6.3
10
16
25
35
50
220
221
-
-
-
-
10x9
-
330
331
-
-
-
10x9
-
-
470
471
-
-
10x9
-
-
16x16
1,000
102
10x9
-
-
-
16x16
16x21
2,200
222
-
-
16x16
16x16
18x21
18x25
3,300
332
16x16
16x16
-
18x21
-
-
4,700
472
16x16
-
18x21
-
-
-
6,800
682
-
18x21
-
-
-
-
10,000
103
18x21
-
-
-
-
-
Case Dia. (D
φ)
5
6.3
8
10
12.5
16
18
Lead Dia. (d
φ)
0.5
0.5
0.6
0.6
0.6
0.8
0.8
Lead Spacing (F)
2.0
2.5
3.5
5.0
5.0
7.5
7.5
Dim.
α
0.5
0.5
0.5
0.5
0.5
0.5
0.5
dim.
β
1.5
1.5
1.5
1.5
1.5
2.0
2.0
*See Part Number System for Details
PN
b
S
f
D
il
RoHS
Compliant
includes all homogeneous materials
DIMENSIONS (mm)
d
φ ± 0.05
Sleeve
F ± 0.5
D
φ ± α
4mm
Min.
15mm Min.
L +
β max.
Polarity Marking
Drawing is representative of parts as supplied in bulk or
straight lead format, please see taping specification for details
on taped format packaging.
-
+


Similar Part No. - NRELS

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRELS102M1010X9F NIC-NRELS102M1010X9F Datasheet
170Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRELS102M1016X16F NIC-NRELS102M1016X16F Datasheet
170Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRELS102M1018X21F NIC-NRELS102M1018X21F Datasheet
170Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRELS102M1018X25F NIC-NRELS102M1018X25F Datasheet
170Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRELS102M1610X9F NIC-NRELS102M1610X9F Datasheet
170Kb / 1P
Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRELS

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRBX NIC-NRBX Datasheet
166Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRE-LW NIC-NRE-LW Datasheet
187Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRE-LX NIC-NRE-LX Datasheet
38Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRE-SW NIC-NRE-SW Datasheet
134Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRSA NIC-NRSA Datasheet
168Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRSH NIC-NRSH Datasheet
282Kb / 3P
Miniature Aluminum Electrolytic Capacitors
NRWP NIC-NRWP Datasheet
189Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRWX NIC-NRWX Datasheet
139Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NSRW NIC-NSRW Datasheet
137Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NSRZ NIC-NSRZ Datasheet
121Kb / 1P
Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com