Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSPVM Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NSPVM
Description  Solid Polymer Aluminum Electrolytic Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NSPVM Datasheet(HTML) 2 Page - NIC-Components Corp.

  NSPVM Datasheet HTML 1Page - NIC-Components Corp. NSPVM Datasheet HTML 2Page - NIC-Components Corp. NSPVM Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
STANDARD PRODUCT AND CASE SIZE TABLE D
φxL (mm)
Part Number
Cap.
(
μF)
Voltage
(VDC)
Case Size
(DxL)
Leakage Current
(
μA) after 2 minutes
Max. ESR (m
Ω)
+20°C/100KHz
Ripple Current Rating
(mA) +105°C/100KHz
Load Life Hours
@+105°C
NSPVM181M2.5V5X6LLBF
180
2.5
5X6
90
21
2670
2,000
NSPVM391M2.5V6.3X6LLBF
390
6.3X6
195
15
3160
2,000
NSPVM561M2.5V8X7JLBF
560
8X7
280
13
3600
2,000
NSPVM681M2.5V8X7JLBF
680
8X7
340
13
3600
2,000
NSPVM122M2.5V10X8JLBF
1200
10X8
600
13
4450
2,000
NSPVM101M4V5X6LLBF
100
4.0
5X6
80
22
2160
2,000
NSPVM151M4V5X6LLBF
150
5X6
120
22
2610
2,000
NSPVM271M4V6.3X6LLBF
270
6.3X6
216
15
3160
2,000
NSPVM331M4V6.3X6LLBF
330
6.3X6
264
15
3160
2,000
NSPVM471M4V8X7JLBF
470
8X7
376
14
3950
2,000
NSPVM561M4V8X7JLBF
560
8X7
448
14
3950
2,000
NSPVM102M4V10X8JLBF
1000
10X8
800
14
4300
2,000
NSPVM101M6.3V5X6LLBF
100
6.3
5X6
126
24
2500
2,000
NSPVM121M6.3V5X6LLBF
120
5X6
151
24
2500
2,000
NSPVM221M6.3V6.3X6LLBF
220
6.3X6
277
15
3160
2,000
NSPVM331M6.3V8X7JLBF
330
8X7
415
14
3950
2,000
NSPVM391M6.3V8X7JLBF
390
8X7
491
14
3950
2,000
NSPVM821M6.3V10X8JLBF
820
10X8
1033
14
4300
2,000
NSPVM470M10V5X6LLBF
47
10
5X6
94
28
2310
2,000
NSPVM560M10V5X6LLBF
56
5X6
112
28
2310
2,000
NSPVM680M10V5X6LLBF
68
5X6
136
28
2310
2,000
NSPVM121M10V6.3X6LLBF
120
6.3X6
240
25
2530
2,000
NSPVM221M10V8X7JLBF
220
8X7
440
21
3220
2,000
NSPVM271M10V8X7JLBF
270
8X7
540
21
3220
2,000
NSPVM471M10V10X8JLBF
470
10X8
940
19
3800
2,000
NSPVM330M16V5X6LLBF
33
16
5X6
105
35
2070
2,000
NSPVM390M16V5X6LLBF
39
5X6
124
35
2070
2,000
NSPVM680M16V6.3X6LLBF
68
6.3X6
217
28
2340
2,000
NSPVM101M16V8X7JLBF
100
8X7
320
24
3010
2,000
NSPVM121M16V8X7JLBF
120
8X7
384
24
3010
2,000
NSPVM221M16V10X8JLBF
220
10X8
704
22
3450
2,000
NSPVM220M20V6.3X6LLBF
22
20
6.3X6
88
50
1650
2,000
NSPVM470M20V8X7JLBF
47
8X7
188
45
2000
2,000
NSPVM820M20V10X8JLBF
82
10X8
328
40
2500
2,000
NSPVM100M25V6.3X6LLBF
10
25
6.3X6
125
60
1500
2,000
NSPVM220M25V8X7JLBF
22
8X7
275
50
1800
2,000
NSPVM390M25V10X8JLBF
39
10X8
488
45
2100
2,000
NSPVM150M35V8X7JLBF
15
35
8X7
263
150
1000
2,000
NSPVM330M35V10X8JLBF
33
10X8
578
100
1800
2,000
Frequency (Hz)
100
1K
10K
>100K
10
μF ~ 1,200μF
0.10
0.45
0.50
1.0
RIPPLE CURRENT FREQUENCY CORRECTION FACTORS
Solid Polymer Aluminum Electrolytic Capacitors NSPVM Series
M2E
390
2.5V
MARKING
Date Code
2 = year 2012
E = month (A-Jan, B-Feb, C-March, D-April, E-May, etc.)
Capacitance
Voltage
Series
DIMENSIONS (mm)
0.3mm max.
D
φ
L
Case Size
D
φ ±0.5
L max.
A, B ±0.2
W
I ref
P ref
5X6
5.0
6.0
5.3
0.5 ~ 0.8
2.3
1.5
6.3X6
6.3
6.0
6.6
0.5 ~ 0.8
2.7
2.0
8X7
8.0
7.0
8.4
0.5 ~ 0.8
3.0
3.1
10X8
10
8.0
10.4
0.7 ~ 1.1
3.3
4.7
+
-
I
I
W
P
A
B



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com