Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSPVM Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NSPVM
Description  Solid Polymer Aluminum Electrolytic Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NSPVM Datasheet(HTML) 1 Page - NIC-Components Corp.

  NSPVM Datasheet HTML 1Page - NIC-Components Corp. NSPVM Datasheet HTML 2Page - NIC-Components Corp. NSPVM Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Solid Polymer Aluminum Electrolytic Capacitors NSPVM Series
Rated Voltage Range
2.5 ~ 35VDC
Capacitance Range
10 ~ 1,200
μF
Operating Temperature Range
-55°C ~ +105°C
Capacitance Tolerance
±20% (M)
Maximum Leakage Current
After 2 minutes
2.5V ~ 20V = 0.2CV
25V ~ 35V = 0.5CV
Max. Tan
δ at 120Hz/20°C
W.V. (Vdc)
2.5
4.0
6.3
10
16
20
25
35
S.V. (Vdc)
2.9
4.6
7.2
11.5
18
23
28.7
40
Tan
δ
0.12 max.
Low Temperature Stability
Impedance Ratio @ 120Hz
Z-55°C/Z+20°C
<1.15
Z+105°C/Z+20°C
<1.25
Load Life Test
@ 105°C
Duration
All Case Sizes: 2,000 hours
Δ Capacitance
Within ±20% of initial measured value
Δ Tan δ
Less than 150% of specified value
Δ ESR
Less than 150% of specified value
Δ LC
Less than specified value
Damp Heat
The following specifications shall be satisfied when the capacitors are restored to +20°C after
subjecting them to the DC rated voltage at +60°C, 90% ~ 95% RH for 500 hours.
Appearance
No significant damage
Δ Capacitance
Within ±20% of initial measured value
Δ Tan δ
Less than 150% of specified value
Δ ESR
Less than 150% of specified value
Δ LC
Less than specified value
Surge Voltage
The capacitors shall be subjected to 1,000 cycles each consisting of charge with the specified surge
voltage @ +105°C for 30 seconds through a protective resistor (1K ohm) and discharged for 5 minutes,
30 seconds.
Appearance
No significant damage
Δ Capacitance
Within ±20% of initial measured value
Δ Tan δ
Less than 150% of specified value
Δ ESR
Less than 150% of specified value
Δ LC
Less than specified value
Failure Rate
0.5% per 1,000 hours maximum (Confidence level 60% @ +105°C)
SUPER LOW ESR, WIDE TEMPERATURE, SURFACE MOUNT, POLARIZED
FEATURES
• ULTRA LOW ESR (TO 13m
Ω)
• HIGH RIPPLE CURRENT RATINGS
• REDUCED SIZES (LOW PROFILE)
CHARACTERISTICS
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on
pages T10 & T11 of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process
details with NIC’s technical support personnel: tpmg@niccomp.com
* NEW *
Low ESR &
High Ripple Current
NSPVM 391 M 2.5V 6.3X6 L LB F .
RoHS Compliant
Sn-Bi Finish, 15" Reel
Peak Reflow Temperature: L = +250°C, J = +240°C
Case Size (D
φxL)
Working Voltage (Vdc)
Tolerance Code (M=20%)
Capacitance Code: First 2 characters
significant, third character is multiplier
Series
PART NUMBER SYSTEM
PEAK REFLOW SOLDERING CODE
Code
Peak Reflow Temperature
L
+250°C
J
+240°C
TERMINATION/PACKAGING CODE
Code
Termination Finish and Reel Size
LB
Sn-Bi Finish, 15" reel


Similar Part No. - NSPVM

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NSP NIC-NSP Datasheet
72Kb / 5P
Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
logo
Nuvoton Technology Corp...
NSP NUVOTON-NSP Datasheet
977Kb / 12P
Operating voltage: 2.0~5.5V
May. 2022 Rev. 11.1
logo
Mean Well Enterprises C...
NSP-100 MEANWELL-NSP-100 Datasheet
1Mb / 6P
100W AC/DC High Reliable Multi-Industries Enclosed Type Power Supply
2026-01-07
NSP-100-12 MEANWELL-NSP-100-12 Datasheet
1Mb / 6P
100W AC/DC High Reliable Multi-Industries Enclosed Type Power Supply
2026-01-07
NSP-100-15 MEANWELL-NSP-100-15 Datasheet
1Mb / 6P
100W AC/DC High Reliable Multi-Industries Enclosed Type Power Supply
2026-01-07
More results

Similar Description - NSPVM

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
2.5SW470MX RUBYCON-2.5SW470MX Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR06 RUBYCON-2.5SWZ220MR06 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR09 RUBYCON-2.5SWZ220MR09 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ270MR06 RUBYCON-2.5SWZ270MR06 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2SWZ270M1.9X7.3 RUBYCON-2SWZ270M1.9X7.3 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2SWZ270MR06 RUBYCON-2SWZ270MR06 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SWZ180MR09 RUBYCON-4SWZ180MR09 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
6SW150MDR1X RUBYCON-6SW150MDR1X Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
10SWZ47MR25 RUBYCON-10SWZ47MR25 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SW150M2.7X7.3 RUBYCON-4SW150M2.7X7.3 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com