Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVR Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NVR
Description  Leaded Metal Oxide Varistors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NVR Datasheet(HTML) 2 Page - NIC-Components Corp.

  NVR Datasheet HTML 1Page - NIC-Components Corp. NVR Datasheet HTML 2Page - NIC-Components Corp. NVR Datasheet HTML 3Page - NIC-Components Corp. NVR Datasheet HTML 4Page - NIC-Components Corp. NVR Datasheet HTML 5Page - NIC-Components Corp. NVR Datasheet HTML 6Page - NIC-Components Corp. NVR Datasheet HTML 7Page - NIC-Components Corp. NVR Datasheet HTML 8Page - NIC-Components Corp. NVR Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Leaded Metal Oxide Varistors
NVR Series
Part Number
Varistor
Voltage
(1mA DC)
Max.
Operating
Voltage
Max. Clamping
Voltage
(8/20
μS)
Max. Surge
Current
(8/20
μS)
Rated
Power
Max.
Energy
(10/1000
μs)
Ref.
Capacitance
@ 1KHz
W
± 1.0
UL1449
3rd Rev.
SPD
Appl.
Vdc (1mA)
Vac
(rms)
Vdc
Ip (A)
Vp
I max. (A)
Watts
Joules
pF
mm
NVR05K180S_ _F
18 (16~20)
11
14
1
40
100
0.01
0.4
1300
1.5
Other
Applications
(See page 8,
table 2)
NVR05K220S_ _F
22 (20~24)
14
18
1
48
100
0.01
0.5
1000
1.5
NVR05K270S_ _F
27 (24~30)
17
22
1
60
100
0.01
0.6
850
1.5
NVR05K330S_ _F
33 (30~36)
20
26
1
73
100
0.01
0.8
700
1.5
NVR05K390S_ _F
39 (35~43)
25
31
1
86
100
0.01
0.9
600
1.5
NVR05K470S_ _F
47 (42~52)
30
38
1
104
100
0.01
1.1
500
1.5
NVR05K560S_ _F
56 (50~62)
35
45
1
123
100
0.01
1.3
400
1.5
NVR05K680S_ _F
68 (61~75)
40
56
1
150
100
0.01
1.6
330
1.5
NVR05K820S_ _F
82 (74~90)
50
65
5
145
400
0.1
2.5
250
1.5
NVR05K101S_ _F
100 (90~110)
60
85
5
175
400
0.1
3
230
1.6
NVR05K121S_ _F
120 (108~132)
75
100
5
210
400
0.1
4
210
1.8
NVR05K151S_ _F
150 (135~165)
95
125
5
260
400
0.1
4.8
190
1.6
NVR05K181S_ _F
180 (162~198)
115
150
5
315
400
0.1
5.9
70
1.4
NVR05K201S_ _F
200 (180~220)
130
170
5
355
400
0.1
6.5
65
1.5
NVR05K221S_ _F
220 (198~242)
140
180
5
380
400
0.1
7
60
1.5
NVR05K241S_ _F
240 (216~264)
150
200
5
415
400
0.1
8
55
1.6
NVR05K271S_ _F
270 (243~297)
175
225
5
475
400
0.1
8.5
50
1.7
NVR05K301S_ _F
300 (270~330)
195
250
5
525
400
0.1
8.5
50
1.9
NVR05K331S_ _F
330 (297~363)
215
275
5
585
400
0.1
9.2
45
2.0
NVR05K361S_ _F
360 (324~396)
230
300
5
620
400
0.1
10
45
2.1
NVR05K391S_ _F
390 (351~429)
250
320
5
675
400
0.1
12
40
2.3
NVR05K431S_ _F
430 (387~473)
275
350
5
745
400
0.1
13
35
2.3
NVR05K471S_ _F
470 (423~517)
300
385
5
810
400
0.1
15
30
2.4
NVR05 SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com