Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVR Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NVR
Description  Leaded Metal Oxide Varistors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NVR Datasheet(HTML) 3 Page - NIC-Components Corp.

  NVR Datasheet HTML 1Page - NIC-Components Corp. NVR Datasheet HTML 2Page - NIC-Components Corp. NVR Datasheet HTML 3Page - NIC-Components Corp. NVR Datasheet HTML 4Page - NIC-Components Corp. NVR Datasheet HTML 5Page - NIC-Components Corp. NVR Datasheet HTML 6Page - NIC-Components Corp. NVR Datasheet HTML 7Page - NIC-Components Corp. NVR Datasheet HTML 8Page - NIC-Components Corp. NVR Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
NVR07 SPECIFICATIONS
Leaded Metal Oxide Varistors
NVR Series
Part Number
Varistor
Voltage
(1mA DC)
Max.
Operating
Voltage
Max. Clamping
Voltage
(8/20
μS)
Max. Surge
Current
(8/20
μS)
Rated
Power
Max.
Energy
(10/1000
μs)
Ref.
Capacitance
@ 1KHz
W
± 1.0
UL1449
3rd Rev.
SPD
Appl.
V (1mA)
Vac
(rms)
Vdc
Ip (A)
Vp
I max. (A)
Watts
Joules
pF
mm
NVR07K180S_ _F
18 (16~20)
11
14
2.5
36
250
0.02
0.9
2400
1.3
Other
Applications
(See page 8,
table 2)
NVR07K220S_ _F
22 (20~24)
14
18
2.5
43
250
0.02
1.1
2000
1.4
NVR07K270S_ _F
27 (24~30)
17
22
2.5
53
250
0.02
1.4
1600
1.5
NVR07K330S_ _F
33 (30~36)
20
26
2.5
65
250
0.02
1.7
1300
1.7
NVR07K390S_ _F
39 (35~43)
25
31
2.5
77
250
0.02
2.1
1200
1.8
NVR07K470S_ _F
47 (42~52)
30
38
2.5
93
250
0.02
2.5
1100
1.9
NVR07K560S_ _F
56 (50~62)
35
45
2.5
110
250
0.02
3.1
1000
2.0
NVR07K680S_ _F
68 (61~75)
40
56
2.5
135
250
0.02
3.6
850
2.1
NVR07K820S_ _F
82 (74~90)
50
65
10
135
1200
0.25
5.5
460
1.5
NVR07K101S_ _F
100 (90~110)
60
85
10
165
1200
0.25
6.5
420
1.6
NVR07K121S_ _F
120 (108~132)
75
100
10
200
1200
0.25
7.8
380
1.8
NVR07K151S_ _F
150 (135~165)
95
125
10
250
1200
0.25
9.7
350
1.6
NVR07K181S_ _F
180 (162~198)
115
150
10
300
1200
0.25
11.7
155
1.4
NVR07K201S_ _F
200 (180~220)
130
170
10
340
1200
0.25
13
140
1.5
NVR07K221S_ _F
220 (198~242)
140
180
10
360
1200
0.25
14
130
1.5
NVR07K241S_ _F
240 (216~264)
150
200
10
395
1200
0.25
15
120
1.6
NVR07K271S_ _F
270 (243~297)
175
225
10
455
1200
0.25
18
110
1.7
NVR07K301S_ _F
300 (270~330)
195
250
10
500
1200
0.25
21
105
1.9
NVR07K331S_ _F
330 (297~363)
215
275
10
550
1200
0.25
23
100
2.0
NVR07K361S_ _F
360 (324~396)
230
300
10
595
1200
0.25
25
95
2.1
NVR07K391S_ _F
390 (351~429)
250
320
10
650
1200
0.25
25
85
2.3
NVR07K431S_ _F
430 (387~473)
275
350
10
710
1200
0.25
28
80
2.3
NVR07K471S_ _F
470 (423~517)
300
385
10
775
1200
0.25
30
70
2.4
NVR07K511S_ _F
510 (459~561)
320
410
10
845
1200
0.25
33
65
2.6
NVR07K561S_ _F
560 (504~616)
350
450
10
930
1200
0.25
33
60
2.8
NVR07K621S_ _F
620 (558~682)
395
510
10
1020
1200
0.25
35
55
3.0
NVR07K681S_ _F
680 (612~748)
420
560
10
1120
1200
0.25
35
50
3.2
NVR07K751S_ _F
750 (675~825)
465
615
10
1235
1200
0.25
38
45
3.5
NVR07K821S_ _F
820 (738~902)
510
670
10
1355
1200
0.25
42
40
3.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com