Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTI06-R10TRF Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NTI06-R10TRF
Description  Thin Film Chip Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NTI06-R10TRF Datasheet(HTML) 2 Page - NIC-Components Corp.

  NTI06-R10TRF Datasheet HTML 1Page - NIC-Components Corp. NTI06-R10TRF Datasheet HTML 2Page - NIC-Components Corp. NTI06-R10TRF Datasheet HTML 3Page - NIC-Components Corp. NTI06-R10TRF Datasheet HTML 4Page - NIC-Components Corp. NTI06-R10TRF Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
11
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Thin Film Chip Inductors
NTI Series
Case Size
0201
0402
0603
Inductance Range
0.1nH ~ 10nH
0.2nH ~ 33nH
1.0nH ~ 100nH
Available Tolerance
±0.1nH (B), ±0.2nH (C), ±0.3nH (D), ±1% (F), ±2% (G) & ±5% (J)
Temperature Range
-40°C ~ +85°C
Resistance to Solder Heat
260°C ±5°C for 5 seconds
Temperature Cycling
ΔL <10% after 10 cycles -40°C/+20°C/+85°C/+20°C
FEATURES
NTI 02
F 10N TR F
Pb-free/RoHS compliant
Tape & Reel Packaging
Inductance Value in nano-henries,
"N" indicates decimal point
Inductance Tolerance (see values tables)
Case Code
Series
PART NUMBER SYSTEM
• ULTRA-SMALL LOW PROFILE 0201, 0402 & 0603 SIZES
• HIGH CURRENT & HIGH SRF
• COMPATIBLE WITH Pb-FREE SOLDERING
• RoHS COMPLIANT
CHARACTERISTICS
CASE DIMENSIONS (mm)
Case Sixe
L
W
T
P
0201
0.60 ± 0.05
0.30 ± 0.05
0.23 ± 0.05
0.15 ± 0.05
0402
1.0 ± 0.05
0.5 ± 0.05
0.32 ± 0.05
0.20 ± 0.10
0603
1.6 ± 0.10
0.8 ± 0.10
0.45 ± 0.10
0.30 ± 0.20
L
P
T
W
CONSTRUCTION
Nickel-Chromium (Ni-Cr)
Termination Base
Nickel (Ni) Barrier
Tin (Sn) Outerplating
Alumina Substrate
Etched Copper Coil
LAND PATTERN DIMENSIONS (mm)
Case Sixe
A
B
C
D
0201
0.2 ~ 0.3
0.8 ~ 0.9
0.2 ~ 0.3
0.3 ~ 0.4
0402
0.5 ~ 0.6
1.5 ~ 1.8
0.5 ~ 0.6
0.5 ~ 0.6
0603
0.6 ~ 1.0
2.4 ~ 2.8
0.7 ~ 0.9
0.9 ~ 1.1
A
B
C
D
90 ~ 120 sec.
260°C max.
10 sec. max.
130°C ~ 180°C
REFLOW SOLDERING PROFILE
220°C
Time above 220°C -
60 sec. max.
50°C
100°C
150°C
200°C
250°C
Time (seconds)
*See Part Number System for Details
RoHS
Compliant
includes all homogeneous materials



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com