Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTI06-R10TRF Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NTI06-R10TRF
Description  Thin Film Chip Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NTI06-R10TRF Datasheet(HTML) 4 Page - NIC-Components Corp.

  NTI06-R10TRF Datasheet HTML 1Page - NIC-Components Corp. NTI06-R10TRF Datasheet HTML 2Page - NIC-Components Corp. NTI06-R10TRF Datasheet HTML 3Page - NIC-Components Corp. NTI06-R10TRF Datasheet HTML 4Page - NIC-Components Corp. NTI06-R10TRF Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
13
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Available Values - 0402 Case Size
Inductance
Value (nH)
Part
Number
DC Resistance
Max. (
Ω)
DC Current
Max. (mA)
Available Tolerances & Tolerance Codes
Q Factor Min.
& Test Frequency
SRF
Min. (GHz)
0.2
NTI04_0N2TRF
0.10
800
±0.1nH (B), ±0.2nH (C), ±0.3nH (D)
13 min. @ 500MHz
14
0.3
NTI04_0N3TRF
0.4
NTI04_0N4TRF
0.5
NTI04_0N5TRF
0.15
700
0.8
NTI04_0N8TRF
0.9
NTI04_0N9TRF
1.0
NTI04_1N0TRF
12
1.1
NTI04_1N1TRF
1.2
NTI04_1N2TRF
1.3
NTI04_1N3TRF
0.25
10
1.4
NTI04_1N4TRF
1.5
NTI04_1N5TRF
1.6
NTI04_1N6TRF
560
1.7
NTI04_1N7TRF
1.8
NTI04_1N8TRF
1.9
NTI04_1N9TRF
0.35
8
2.0
NTI04_2N0TRF
2.1
NTI04_2N1TRF
440
2.2
NTI04_2N2TRF
2.3
NTI04_2N3TRF
2.4
NTI04_2N4TRF
2.5
NTI04_2N5TRF
2.6
NTI04_2N6TRF
2.7
NTI04_2N7TRF
2.8
NTI04_2N8TRF
0.45
380
6
2.9
NTI04_2N9TRF
3.0
NTI04_3N0TRF
3.1
NTI04_3N1TRF
3.2
NTI04_3N2TRF
3.3
NTI04_3N3TRF
3.4
NTI04_3N4TRF
0.55
3.5
NTI04_3N5TRF
3.6
NTI04_3N6TRF
3.7
NTI04_3N7TRF
340
3.8
NTI04_3N8TRF
3.9
NTI04_3N9TRF
4.3
NTI04_4N3TRF
0.65
320
4.7
NTI04_4N7TRF
5.4
NTI04_5N4TRF
0.85
280
5.6
NTI04_5N6TRF
5.9
NTI04_5N9TRF
6.5
NTI04_6N5TRF
1.05
260
6.8
NTI04_6N8TRF
7.2
NTI04_7N2TRF
8.0
NTI04_8N0TRF
1.25
220
5.5
8.1
NTI04_8N1TRF
8.2
NTI04_8N2TRF
9.1
NTI04_9N1TRF
10
NTI04_10NTRF
1.35
200
±1% (F), ±2% (G) & ±5% (J)
4.5
10.8
NTI04_10N8TRF
12
NTI04_12NTRF
1.55
180
3.7
13.8
NTI04_13N8TRF
1.75
15
NTI04_15NTRF
130
3.3
17
NTI04_17NTRF
1.95
100
3.1
18
NTI04_18NTRF
2.15
20.8
NTI04_20N8TRF
2.55
90
2.8
22
NTI04_22NTRF
2.65
27
NTI04_27NTRF
3.25
75
2.5
33
NTI04_33NTRF
4.50
±5% (J)
Thin Film Chip Inductors
NTI Series



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com