Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLP0640 Datasheet(PDF) 2 Page - RFHIC

Part # WLP0640
Description  Wideband LNA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

WLP0640 Datasheet(HTML) 2 Page - RFHIC

  WLP0640 Datasheet HTML 1Page - RFHIC WLP0640 Datasheet HTML 2Page - RFHIC WLP0640 Datasheet HTML 3Page - RFHIC WLP0640 Datasheet HTML 4Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Wideband LNA
WLP0640
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
2 / 4
Version 1.0
Typical Performance @ VDD=12V, IDS=360mA, T=25℃, 50ohm System
S-Parameter
Frequency vs. P1dB
Frequency vs. OIP3
10
15
20
25
30
35
30
200
400
600
800
1000
Freq(MHz)
25
30
35
40
45
50
30
200
400
600
800
1000
Freq(MHz)
Block Diagram
Note
1. WLP Series Have internal DC blocking capacitors at the RF input and output ports.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com