Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLP0640 Datasheet(PDF) 1 Page - RFHIC

Part # WLP0640
Description  Wideband LNA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

WLP0640 Datasheet(HTML) 1 Page - RFHIC

  WLP0640 Datasheet HTML 1Page - RFHIC WLP0640 Datasheet HTML 2Page - RFHIC WLP0640 Datasheet HTML 3Page - RFHIC WLP0640 Datasheet HTML 4Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Wideband LNA
WLP0640
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
1 / 4
Version 1.0
Product Features
Applications
• Surface Mount Hybrid Type
• No matching circuit needed
• High Linearity
• 1W Output Power
• Aluminum Substrate
• Push-pull Amplifier
• Pb Free / RoHS Standard
• Radio Systems
• Telecom
• CATV
• RF Sub-Systems
Description
RFHIC’s Low Noise Amplifier series are all hybrid LNA type products which includes all matching for the convenience of customers.
WL series are a wideband LNA used for up to 4GHz. All LNA hybrids are possible to have custom frequency & spec without any
additional NRE cost involved.
Electrical Specifications @ Vds =12V, Ta=25℃
PARAMETER
UNIT
MIN
TYP
MAX
CONDITION
Operating Frequency
MHz
20
-
520
ZS = ZL = 50 ohm
Gain
dB
17.5
19.5
-
-
Gain Flatness
dB
-
1.0
1.5
20 ~ 520MHz
Input Return Loss
dB
-8
-15
-
-
Output Return Loss
dB
-8
-15
-
-
1dB Compression Point
dBm
-
31
-
20 ~ 520MHz
Output IP3
dBm
40
43
-
20MHz
40
44
-
520MHz
Noise Figure
dB
-
2.5
3.0
20MHz
-
3.0
3.5
520MHz
DC Current
mA
-
360
410
Vdd = 12V
Note
1. Test conditions unless otherwise noted. Test Freq = 1-500MHz, T=25℃, Vdd=12V, 50Ω system
2. OIP3 measured with 2 tones at an output power of +5dBm/tone separated by 1MHz, Test Freq = 20MHz and 520MHz
Absolute Maximum Ratings
PARAMETER
UNIT
MIN
TYP
MAX
Condition
Supply Voltage
VDC
-
12
15
-
Supply Current
mA
-
-
600
-
Operating Temperature
℃
-40
-
85
-
Storage Temperature
℃
-50
-
125
-
Package Type : CP-6C


Similar Part No. - WLP0640

ManufacturerPart #DatasheetDescription
logo
Bulgin Limited. All rig...
WLP06 BULGINLIMITED-WLP06 Datasheet
2Mb / 7P
Rectangular Power Connectors
More results

Similar Description - WLP0640

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA1319C-EPU TRIQUINT-TGA1319C-EPU Datasheet
221Kb / 6P
Ka Band Wideband LNA/Driver
TGA2513-EPU TRIQUINT-TGA2513-EPU Datasheet
898Kb / 10P
Wideband LNA with AGC
TGA2513 TRIQUINT-TGA2513 Datasheet
103Kb / 9P
Wideband LNA
logo
RFHIC
WL1008-L RFHIC-WL1008-L Datasheet
659Kb / 4P
Wideband LNA
WL0510 RFHIC-WL0510 Datasheet
223Kb / 4P
Wideband LNA
WL1008-L RFHIC-WL1008-L Datasheet
677Kb / 5P
Wideband LNA
WL2205-L RFHIC-WL2205-L Datasheet
232Kb / 4P
Wideband LNA
WL2210-L RFHIC-WL2210-L Datasheet
238Kb / 4P
Wideband LNA
logo
TriQuint Semiconductor
TGA2513 TRIQUINT-TGA2513_15 Datasheet
532Kb / 10P
Wideband LNA
logo
Mini-Circuits
AVA-0233LN+ MINI-AVA-0233LN+ Datasheet
556Kb / 7P
Wideband LNA
REV. A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com