Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP2-22F Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # DP2-22F
Description  High-performance Digital Pressure Sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DP2-22F Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  DP2-22F Datasheet HTML 1Page - List of Unclassifed Manufacturers DP2-22F Datasheet HTML 2Page - List of Unclassifed Manufacturers DP2-22F Datasheet HTML 3Page - List of Unclassifed Manufacturers DP2-22F Datasheet HTML 4Page - List of Unclassifed Manufacturers DP2-22F Datasheet HTML 5Page - List of Unclassifed Manufacturers DP2-22F Datasheet HTML 6Page - List of Unclassifed Manufacturers DP2-22F Datasheet HTML 7Page - List of Unclassifed Manufacturers DP2-22F Datasheet HTML 8Page - List of Unclassifed Manufacturers DP2-22F Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
DP2
795
ORDER GUIDE
5 m 16.404 ft cable length type
5 m 16.404 ft cable length type is also available. (Standard: 2 m 6.562 ft)
5 m 16.404 ft cable length type
DP2-20
DP2-20F
DP2-20F-P
DP2-21
DP2-21F
DP2-21F-P
DP2-22
DP2-22F
DP2-22F-P
DP2-80
DP2-40N
DP2-40E
DP2-41
DP2-41N
DP2-41E
DP2-42
DP2-42N
DP2-42E
DP2-60
DP2-60N
DP2-60E
DP2-61
DP2-61N
DP2-61E
DP2-62
DP2-62N
DP2-62E
DP2-20-C5
DP2-21-C5
DP2-22-C5
DP2-80-C5
DP2-41-C5
DP2-42-C5
Positive pressure
100 kPa type
1 MPa type
101 kPa type
100 kPa type
1 MPa type
101 kPa type
100 kPa type
1 MPa type
Vacuum pressure
Positive pressure
Positive pressure
Vacuum pressure
Vacuum pressure
101 kPa type
Standard
Type
The IP67 type is the standard
type with a 5 m 16.404 ft cable.
Accessories
• DPX-01 [Pressure port attachment (Standard type only)]
• DPX-02 [Hexagon-socket-head plug for pressure port (Standard type only)]
Pressurer port attachment DPX-01
Hexagon-socket-head plug
for pressure port DPX-02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com