Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP2-22F Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # DP2-22F
Description  High-performance Digital Pressure Sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DP2-22F Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button DP2-22F Datasheet HTML 3Page - List of Unclassifed Manufacturers DP2-22F Datasheet HTML 4Page - List of Unclassifed Manufacturers DP2-22F Datasheet HTML 5Page - List of Unclassifed Manufacturers DP2-22F Datasheet HTML 6Page - List of Unclassifed Manufacturers DP2-22F Datasheet HTML 7Page - List of Unclassifed Manufacturers DP2-22F Datasheet HTML 8Page - List of Unclassifed Manufacturers DP2-22F Datasheet HTML 9Page - List of Unclassifed Manufacturers DP2-22F Datasheet HTML 10Page - List of Unclassifed Manufacturers DP2-22F Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
I/O CIRCUIT AND WIRING DIAGRAMS
DP2
798
Notes:1) When using the analog voltage output, take care to
connect external device of proper input impedance. Also,
when a cable extension is used, voltage drop due to
cable resistance should be taken into account.
Notes:2) The analog voltage output does not incorporate a short-
circuit protection circuit.
Notes:
Do not connect it directly to a power supply or a
capacitive load.
Notes:1) When using the analog voltage output, take care to
connect external device of proper input impedance. Also,
when a cable extension is used, voltage drop due to
cable resistance should be taken into account.
Notes:2) The analog voltage output does not incorporate a short-
circuit protection circuit.
Notes:2) Do not connect it directly to a power supply or a
capacitive load.
Tr2
Tr1
1 k
Ω
100 mA max.
100 mA max.
Users’ circuit
Internal circuit
(Blue) 0 V
(White) Comparative Output 2
(Black) Comparative Output 1
(Gray) Analog voltage
output (Note1, 2)
(Brown)
V
Color code
Load
ZD2
ZD3
ZD1
D
Load
12 to 24 V DC
10
15
%
NPN output type
I/O circuit diagram
Wiring diagram
Symbols ... D: Reverse supply polarity protection diode
ZD1, ZD2, ZD3: Surge absorption zener diode
Tr1, Tr2: NPN output transistor
MODE
OUT2
OUT1
0-ADJ
DP2-41
10 0kPa
Blue
Black
Brown
Gray To analog
input
circuit
White
Load
Load
12 to 24 V DC
10
15
%
Users’ circuit
Internal circuit
100 mA max.
100 mA max.
ZD2
ZD3
Tr1
(Brown)
V
(White) Comparative Output 2
(Black) Comparative Output 1
(Blue) 0 V
Tr2
(Gray)
D
Analog voltage
output (Note1, 2)
Load
Load
1 k
Ω
ZD1
12 to 24 V DC
10
15
%
(Brown)
V
Color code
PNP output type
I/O circuit diagram
Wiring diagram
Symbols ... D: Reverse supply polarity protection diode
ZD1, ZD2, ZD3: Surge absorption zener diode
Tr1, Tr2: PNP output transistor
MODE
OUT2
OUT1
0-ADJ
DP2-41E
10 0kPa
Blue
White
Brown
Black
To analog
input
circuit
Gray
Load
Load
12 to 24 V DC
10
15
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com