Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4985TMEVAL Datasheet(PDF) 2 Page - Texas Instruments

Part # LM4985TMEVAL
Description  LAudio Power Amplifier Series Stereo 135mW Low Noise Headphone Amplifier with Selectable Capacitively Coupled
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4985TMEVAL Datasheet(HTML) 2 Page - Texas Instruments

  LM4985TMEVAL Datasheet HTML 1Page - Texas Instruments LM4985TMEVAL Datasheet HTML 2Page - Texas Instruments LM4985TMEVAL Datasheet HTML 3Page - Texas Instruments LM4985TMEVAL Datasheet HTML 4Page - Texas Instruments LM4985TMEVAL Datasheet HTML 5Page - Texas Instruments LM4985TMEVAL Datasheet HTML 6Page - Texas Instruments LM4985TMEVAL Datasheet HTML 7Page - Texas Instruments LM4985TMEVAL Datasheet HTML 8Page - Texas Instruments LM4985TMEVAL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
Controlled
Analog Volume
Control
Interface
Output
Transient
Suppression
and
Mode-Control
Logic
Bias
Generator
-
+
-
+
-
+
Volume
Control
Volume
Control
IN1
BYPASS
IN2
GND
0.47 PF
0.47 PF
100 PF
100 PF
CNTGND
OUT2
OUT1
VDD
I
2
C Digitally
Mux
Mux
Digital
Control
System
Controlled
Analog Volume
Control
Interface
Output
Transient
Suppression
and
Mode-Control
Logic
Bias
Generator
-
+
-
+
-
+
Volume
Control
Volume
Control
I
2
C Digitally
Mux
Mux
IN1
BYPASS
IN2
SDA
SCL
I
2CVDD
VDD
GND
OUT2
CNTGND
OUT1
ADR
LM4985, LM4985TMEVAL
SNAS346B – MAY 2006 – REVISED MAY 2006
www.ti.com
Block Diagram
Figure 1. Block Diagram
Typical Application
Figure 2. Typical Capacitively Coupled Output Configuration Circuit
2
Submit Documentation Feedback
Copyright © 2006, Texas Instruments Incorporated
Product Folder Links: LM4985 LM4985TMEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com