Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4985TMEVAL Datasheet(PDF) 13 Page - Texas Instruments

Part # LM4985TMEVAL
Description  LAudio Power Amplifier Series Stereo 135mW Low Noise Headphone Amplifier with Selectable Capacitively Coupled
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4985TMEVAL Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM4985TMEVAL Datasheet HTML 9Page - Texas Instruments LM4985TMEVAL Datasheet HTML 10Page - Texas Instruments LM4985TMEVAL Datasheet HTML 11Page - Texas Instruments LM4985TMEVAL Datasheet HTML 12Page - Texas Instruments LM4985TMEVAL Datasheet HTML 13Page - Texas Instruments LM4985TMEVAL Datasheet HTML 14Page - Texas Instruments LM4985TMEVAL Datasheet HTML 15Page - Texas Instruments LM4985TMEVAL Datasheet HTML 16Page - Texas Instruments LM4985TMEVAL Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
10m
OUTPUT POWER (W)
0.01
0.1
1
10
0.02
0.2
2
0.05
0.5
5
200m
100m
20m
30m
40m
50m
60m
70m
OUTPUT POWER (W)
10m
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20m
30m
40m
50m
60m
70m
80m
100m
10m
OUTPUT POWER (W)
0.01
0.1
1
10
0.02
0.2
2
0.05
0.5
5
200m
100m
20m
30m
40m
50m
60m
70m
OUTPUT POWER (W)
10m
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20m
30m
40m
50m
60m
70m
80m
100m
1m
10m
100m
OUTPUT POWER (W)
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
2m
20m
5m
50m
1m
10m
100m
OUTPUT POWER (W)
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
2m
20m
5m
50m
LM4985, LM4985TMEVAL
www.ti.com
SNAS346B – MAY 2006 – REVISED MAY 2006
Typical Performance Characteristics (continued)
TA = 25°C, AV = 0dB, fIN = 1kHz unless otherwise stated.
THD+N vs Output Power
THD+N vs Output Power
VDD = 2.5V, RL = 16Ω
VDD = 3.6V, RL = 16Ω
OCL
OCL
Figure 23.
Figure 24.
THD+N vs Output Power
THD+N vs Output Power
VDD = 5.0V, RL = 16Ω
VDD = 2.5V, RL = 32Ω
OCL
OCL
Figure 25.
Figure 26.
THD+N vs Output Power
THD+N vs Output Power
VDD = 3.6V, RL = 32Ω
VDD = 5.0V, RL = 32Ω
OCL
OCL
Figure 27.
Figure 28.
Copyright © 2006, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM4985 LM4985TMEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com