Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F239R Datasheet(PDF) 1 Page - Fox Electronics

Part # F239R
Description  HCMOS 2.5x2.0mm 3.3V SMD Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

F239R Datasheet(HTML) 1 Page - Fox Electronics

  F239R Datasheet HTML 1Page - Fox Electronics F239R Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 www.foxonline.com
EMEA Tel: +44 .11283.568153 | Canada +1.888.438.2369 | Asia Hong Kong Tel: +852.2854.4285 | Japan Tel: +81.3.3374.2079
© 2011 FOX ELECTRONICS | ISO9001:2008 Certified
HCMOS 2.5x2.0mm 3.3V SMD Oscillator
Rev. 6/30/2011
RoHS Compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
Model: F230 Series
Page 1 of 2
OUTPUT (Pin 3)
ACTIVE
ACTIVE
High Z
• EnAblE / DiSAblE FunCtiOn
Pin 1
OPEN 2
'1' Level Vih
≥ 70% Vdd
'0' Level Vil
≤ 30% Vdd
FEAtuRES
• Tight Stability
• 3.3V Operation
• HCMOS Output
• Standby Function
• Tape and Reel (3,000 pcs. STD)
1 Inclusive of 25
ºC tolerance, operating temperature range, input voltage change, load change,
reflow and one year aging.
2 An internal pullup resistor from pin 1 to pin 4 allows active output if pin 1 is left open.
Note: A 0.01µF bypass capacitor should be placed between V
dd (Pin 4) and GND (Pin 2) to
minimize power supply line noise.
Drawing is for reference to critical specifications defined by size measurements.
Certain non-critical visual attributes, such as side castellations, reference pin shape, etc. may
vary. All specifications subject to change without notice.
4.000 ~ 54.000 MHz
-40ºC ~ +85ºC
3.3V ± 10%
7mA
45% ~ 55%
5.0nS
5.0nS
10% Vdd
90% Vdd Min
4mA Min
-4mA Min
15pF
10µA
10mS
250nS
10mS
-145dBc/Hz Typ.
3pS RMS Typ.
260ºC / 10 Seconds
1
Au over Ni
PARAMETERS
Frequency Range
(Fo)
Storage Temperature Range
Supply Voltage
(Vdd)
Input Current
Output Symmetry (50% Vdd)
Rise Time (10% ~ 90% Vdd)
Fall Time (90% ~ 10% Vdd)
Output Voltage
(Vol)
(Voh)
Output Current
(Iol)
(Ioh)
Output Load
(HCMOS)
Standby Current
Start-up Time
(Ts)
Output Disable Time 2
Output Enable Time 2
Phase Noise
(@ 10kHz offset)
Period Jitter
Reflow Soldering Temp / Time
Moisture Sensitivity Level (MSL)
Termination Finish
• ElECtRiCAl CHARACtERiStiCS
MAX (unless otherwise noted)
2 .6 M a x
1 .0 M a x
0 .9 5
2 .1 m a x
0 .7 8
0 .6 5
0 .6 8
R ec ommended
S olde r P a d L a y out
0 .9
0 .9 5
0 .8
0 .6 5
#1
#4
#2
#3
#4
#3
#2
#1
All dimensions are in millimeters.
P in C onne c tions
# 1 E /D
# 3 O utput
# 2 G N D
# 4 V DD
T op
V ie w
B ottom
V ie w
Dot de note s
pin 1 .
Frequency
Stability1
±25PPM
±15PPM
±15PPM
±10PPM
±10PPM
Operating
Temperature (ºC)
-40 ~ +85
-10 ~ +70
-40 ~ +85
-10 ~ +70
-40 ~ +85
Frequency
Range (MHz)
4.000 ~ 54.000
4.000 ~ 54.000
4.000 ~ 54.000
4.000 ~ 54.000
4.000 ~ 54.000
F236R
F237
F237R
F239
F239R
Model
Number
Part Number
833H-Frequency-xxxxx
833-Frequency-xxxxx
833A-Frequency-xxxxx
833B-Frequency-xxxxx
833C-Frequency-xxxxx
• PARt nuMbER SElECtiOn Learn More - Internet Required


Similar Part No. - F239R

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
F23-009-210-AGGE MITSUMI-F23-009-210-AGGE Datasheet
165Kb / 2P
SD Memory Card Connectors
logo
Fox Electronics
F230 FOX-F230 Datasheet
185Kb / 2P
HCMOS 2.5x2mm 3.3V Oscillator
F230 FOX-F230 Datasheet
133Kb / 2P
HCMOS 2.5x2mm 3.3V Oscillator
F230 FOX-F230 Datasheet
133Kb / 2P
HCMOS 2.5x2mm 3.3V Oscillator
F230R FOX-F230R Datasheet
185Kb / 2P
HCMOS 2.5x2mm 3.3V Oscillator
More results

Similar Description - F239R

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F4100 FOX-F4100_1 Datasheet
217Kb / 2P
3.3V, HCMOS, SMD Oscillator
F537 FOX-F537 Datasheet
214Kb / 2P
HCMOS 5x3.2mm 3.3V SMD Oscillator
F330 FOX-F330 Datasheet
102Kb / 2P
HCMOS 3.2x2.5mm 3.3V SMD Oscillator
FK335 FOX-FK335 Datasheet
80Kb / 1P
HCMOS 3.3V 32.768kHz SMD Oscillator
F4100-600 FOX-F4100-600 Datasheet
486Kb / 2P
3.3V. HCMOS, SMD Oscillator
F4100-500 FOX-F4100-500 Datasheet
308Kb / 2P
3.3V, HCMOS, SMD Oscillator
F240TS FOX-F240TS Datasheet
500Kb / 2P
HCMOS 2.5x2.0mm 2.5V SMD Oscillator
F4105-200 FOX-F4105-200 Datasheet
441Kb / 2P
3.3V, HCMOS , SMD Oscillator
F4105-400 FOX-F4105-400 Datasheet
441Kb / 2P
3.3V, HCMOS , SMD Oscillator
O2HS FOX-O2HS Datasheet
296Kb / 8P
HCMOS 2.5x2.0mm SMD Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com