Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F74SLR Datasheet(PDF) 2 Page - Fox Electronics

Part # F74SLR
Description  2.5V HCSL Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

F74SLR Datasheet(HTML) 2 Page - Fox Electronics

  F74SLR Datasheet HTML 1Page - Fox Electronics F74SLR Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
69
FOXElectronics 5570 Enterprise Parkway
Fort Myers, Florida 33905 USA
+1.239.693.0099
FAX +1.239.693.1554
www.foxonline.com
EMEA Tel: +44 .1283.568153 | Canada +1.888.438.2369 | Asia Hong Kong Tel: +852.2854.4285 | Japan Tel: +81.3.3374.2079
© 2013 FOX ELECTRONICS | An Integrated Device Technology, Inc. company | ISO9001:2008 Certified
Rev. 2/11/2013
2.5V HCSL Oscillator
Rev. 2/11/2013
RoHS Compliant / REACH Compliant
http://www.foxonline.com/need_a_sample.htm
Model: F740SL SERIES
Page 2 of 2
• TAPE SPECIFICATIONS (millimeters)
MODEL
F740SL
A
∅1.55
B
4.0
C
8.0
D
7.5
E
16.0
F
2.0
STD Reel QTY
2,000
• REEL SPECIFICATIONS (millimeters)
G
2.5
H
∅13.2
I
∅21
J
∅60.5
K
∅180
L
17.0
M
1.5
MODEL
F740SL



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com