Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F74SLR Datasheet(PDF) 1 Page - Fox Electronics

Part # F74SLR
Description  2.5V HCSL Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

F74SLR Datasheet(HTML) 1 Page - Fox Electronics

  F74SLR Datasheet HTML 1Page - Fox Electronics F74SLR Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FOXElectronics 5570 Enterprise Parkway
Fort Myers, Florida 33905 USA
+1.239.693.0099
FAX +1.239.693.1554
www.foxonline.com
EMEA Tel: +44 .1283.568153 | Canada +1.888.438.2369 | Asia Hong Kong Tel: +852.2854.4285 | Japan Tel: +81.3.3374.2079
© 2013 FOX ELECTRONICS | An Integrated Device Technology, Inc. company | ISO9001:2008 Certified
FEATURES
• HCL Differential Output
• Low Phase Jitter (under 1pS RMS 12kHz~20MHz)
• Tape and Reel (2,000 pcs. STD)
Frequency
Stability1
±100PPM
±100PPM
±50PPM
±50PPM
±25PPM
±25PPM
Operating
Temperature (ºC)
0 ~ +70
-40 ~ +85
0 ~ +70
-40 ~ +85
0 ~ +70
-40 ~ +85
Frequency
Range (MHz)
15.000 ~ 160.000
15.000 ~ 160.000
15.000 ~ 160.000
15.000 ~ 160.000
15.000 ~ 160.000
15.000 ~ 160.000
F740SL
F740SLR
F745SL
F74SLR
F746SL
F746SLR
15.000 ~ 160.000 MHz
-55ºC ~ +125ºC
2.5V ± 5%
40mA
45% ~ 55%
1.0nS
0.7nS
-
0.15 ~ 0.15V
0.58 ~ 0.85V
0.6V Min
50 Ohms to GND
10µA
10mS
200nS
10mS
±3 PPM
1pS RMS
260ºC / 10 Seconds
1
Au
PARAMETERS
Frequency Range
(Fo)
Storage Temperature Range (Tstg)
Supply Voltage
(Vdd)
Input Current
(Idd)
Output Symmetry (Cross Point)
Rise/Fall Time (0.175 ~ 0.525V)
15.000 ~ 99.999999 MHz
100.000 ~ 160.000 MHz
Output Voltage
(Vol)
(Voh)
Output Swing
(Vopp)
Output Load
Standby Current
Start-up Time
(Ts)
Output Disable Time 2
Output Enable Time 2
Aging (per year @ 25ºC)
Phase Jitter (12kHz ~ 20MHz)
Maximum Soldering Temp / Time
Moisture Sensitivity Level (MSL)
Termination Finish
• ELECTRICAL CHARACTERISTICS
MAX (unless otherwise noted)
1 Inclusive of 25ºC tolerance, operating temperature range.
2 An internal pullup resistor from pin 1 to pin 6 allows active output if pin 1 is left open.
Note: A 0.01µF capacitor should be placed between Vdd (Pin 6) and GND (Pin3) to minimize
power supply noise.
Drawing is for reference to critical specifications defined by size measurements.
Certain non-critical visual attributes, such as side castellations, reference pin shape, etc. may
vary. All specifications subject to change without notice.
Model
Number
Part Number
844-Frequency-xxxxx
844A-Frequency-xxxxx
844B-Frequency-xxxxx
844C-Frequency-xxxxx
844D-Frequency-xxxxx
844E-Frequency-xxxxx
• PART NUMBER SELECTION
2.5V HCSL Oscillator
Rev. 2/11/2013
RoHS Compliant / REACH Compliant
http://www.foxonline.com/need_a_sample.htm
Model: F740SL SERIES
Page 1 of 2
S olde r P a d L a y out
R e c om m ended
P in C onne c tions
#1 E/D
#2 N.C.
#4 Output_1
#5 Output_2
All dimensions are in millimeters.
#6
#5
#1
#2
#4
#3
#1
#2
#3
#6
#5
#4
T OP
T O P V ie w
M a rk ing
4.2
5.08
2
1.6
1.8
1.27
5.08
1.4
1.40
#6 VDD
#3 GND
2.46
5.1 Max
7.1 Max
OUTPUT (Pin 4, Pin 5)
ACTIVE
ACTIVE
High Z
• ENABLE / DISABLE FUNCTION
(Pin 1)
OPEN2
'1' Level Vih
≥ 70% Vdd
'0' Level Vil
≤ 30% Vdd


Similar Part No. - F74SLR

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
F74-5-M PANDUIT-F74-5-M Datasheet
84Kb / 2P
Ferrules, Non-Insulated
F74-7-M PANDUIT-F74-7-M Datasheet
84Kb / 2P
Ferrules, Non-Insulated
logo
Jiangsu Donghai Semicon...
F740 WXDH-F740 Datasheet
1Mb / 12P
10A 400V N-channel Enhancement Mode Power MOSFET
logo
Littelfuse
F74007-000 LITTELFUSE-F74007-000 Datasheet
708Kb / 10P
PolySwitch® Resettable PPTCs Line-Voltage-Rated Devices
Revised: GD. 12/20/20
logo
Integrated Technology F...
F7461 ITF-F7461 Datasheet
316Kb / 7P
SAW Bandpass Filter
2004-10-25
More results

Similar Description - F74SLR

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F530SL FOX-F530SL Datasheet
110Kb / 3P
3.3V HCSL Oscillator
logo
Pericom Semiconductor C...
NX24SA PERICOM-NX24SA Datasheet
925Kb / 2P
2.5V/3.3V HCSL FS XO
NX34SA PERICOM-NX34SA Datasheet
892Kb / 2P
2.5V/3.3V HCSL FS XO
NX324 PERICOM-NX324 Datasheet
475Kb / 2P
2.5V/3.3V HCSL XO
NX704 PERICOM-NX704 Datasheet
578Kb / 2P
2.5V/3.3V HCSL XO
NX74SA PERICOM-NX74SA Datasheet
866Kb / 2P
2.5V/3.3V HCSL FS XO
NX254 PERICOM-NX254 Datasheet
510Kb / 2P
2.5V/3.3V HCSL XO
logo
AiT Semiconductor Inc.
KOH3225 AITSEMI-KOH3225 Datasheet
251Kb / 1P
HCSL CRYSTAL OSCILLATOR
KOH5032 AITSEMI-KOH5032 Datasheet
288Kb / 1P
HCSL CRYSTAL OSCILLATOR
KOH7050 AITSEMI-KOH7050 Datasheet
247Kb / 1P
HCSL CRYSTAL OSCILLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com