Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM Datasheet(PDF) 1 Page - StarHope

Part # MSM
Description  Surface Mount Devices
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

MSM Datasheet(HTML) 1 Page - StarHope

  MSM Datasheet HTML 1Page - StarHope MSM Datasheet HTML 2Page - StarHope MSM Datasheet HTML 3Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
Applications
Surface Mount Devices
Almost anywhere there is a low voltage
Lead free deivce
power supply, up to DC33V and a load
Size 4532mm/1812 mils
to be protested, including:
Surface Mount packaging for automated assembly
Computer mother board,Modem,USB hub
Agency recognition:UL
PDAs & Charger,Analog & digital line card
Digital cameras,Dish drivers, CD-ROMs
Model
D
E
min
max
min
max
min
max
min
min
4.37
4.73
3.07
3.41
0.50
1.00
0.30
0.25
4.37
4.73
3.07
3.41
0.50
1.00
0.30
0.25
Dimensions (mm)
A
B
C
Product dimensions (mm)
4.37
4.73
3.07
3.41
0.50
1.00
0.30
0.25
4.37
4.73
3.07
3.41
0.50
1.30
0.30
0.25
4.37
4.73
3.07
3.41
0.50
1.00
0.30
0.25
MSM050/24/30
4.37
4.73
3.07
3.41
0.40
1.80
0.30
0.25
4.37
4.73
3.07
3.41
0.40
0.90
0.30
0.25
4.37
4.73
3.07
3.41
0.40
1.30
0.30
0.25
MSM125
4.37
4.73
3.07
3.41
0.60
1.30
0.30
0.25
4.37
4.73
3.07
3.41
0.40
1.20
0.30
0.25
MSM160
4.37
4.73
3.07
3.41
0.40
1.20
0.30
0.25
4.37
4.73
3.07
3.41
0.50
1.30
0.30
0.25
4.37
4.73
3.07
3.41
0.50
1.50
0.30
0.25
Test
Passive aging
Humidity aging
Thermal shock
Resistance to solvent
Vibration
Maximum surface of the device in the tripped state is 125℃
Environmental Specifications
85℃,85%℃R.H.,168hrs
85℃,to-40℃,13times
±5% typical
±5% typical
±33% typical
Ambient operating confitions:-40℃ to 85℃
Conditions
MIL-STD-202,Method 215
MIL-STD-202,Method 201
Resistance change
No change
No change
85℃,1000hrs
3.2 ± 0.1
1.78 ± 0.1
1.78 ± 0.1
MSM300
4.37
4.73
3.07
3.41
0.50
1.50
0.30
0.25
MSM350
4.37
4.73
3.07
3.41
0.50
1.50
0.30
0.25
PPTC/MSM Series
01 | www.spsemi.cn
MSM020/60
MSM075/16/24/33
MSM110/16/24/33
MSM150/16/24
MSM200/12
MSM260/13.2/16
MSM010
MSM014
MSM030
REV.2014.05.01


Similar Part No. - MSM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MSM VISHAY-MSM Datasheet
137Kb / 5P
Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified, Type RZ, Single-In-Line, Molded SIP; 01, 03, 05 Schematics
25-Jul-08
logo
Schurter Inc.
MSM SCHURTER-MSM Datasheet
81Kb / 1P
Protection cover for MSM 19 and MSM 22
logo
API Technologies Corp
MSM APITECH-MSM Datasheet
123Kb / 1P
Surface Mount Low Pass Filters
logo
Littelfuse
MSM LITTELFUSE-MSM Datasheet
177Kb / 2P
Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
logo
PIC GmbH
MSM-2210M PIC-MSM-2210M Datasheet
59Kb / 1P
Threaded Magnet M10
More results

Similar Description - MSM

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
NANOSMDC200F-2 MACOM-NANOSMDC200F-2 Datasheet
283Kb / 20P
PolySwitch Resettable Devices Surface-mount Devices
logo
StarHope
USM SPSEMI-USM Datasheet
280Kb / 2P
Surface Mount Devices
TSM SPSEMI-TSM Datasheet
826Kb / 2P
Surface Mount Devices
SM SPSEMI-SM Datasheet
1Mb / 3P
Surface Mount Devices
NSM SPSEMI-NSM Datasheet
702Kb / 3P
Surface Mount Devices
ISM SPSEMI-ISM Datasheet
288Kb / 2P
Surface Mount Devices
DSM SPSEMI-DSM Datasheet
290Kb / 2P
Surface Mount Devices
PESD040205A015FR SPSEMI-PESD040205A015FR Datasheet
439Kb / 5P
Surface Mount Devices
logo
Shanghai Leiditech Elec...
LM130F LEIDITECH-LM130F Datasheet
486Kb / 2P
Surface mount devices
SMD1210P150L LEIDITECH-SMD1210P150L Datasheet
391Kb / 8P
Surface-mount Devices
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com