Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF100N10F7 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STF100N10F7
Description  N-channel 100 V, 0.0068 Ω typ., 80 A, STripFET™ VII DeepGATE™ Power MOSFET in D2PAK, DPAK, TO-220FP and TO-220
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF100N10F7 Datasheet(HTML) 1 Page - STMicroelectronics

  STF100N10F7 Datasheet HTML 1Page - STMicroelectronics STF100N10F7 Datasheet HTML 2Page - STMicroelectronics STF100N10F7 Datasheet HTML 3Page - STMicroelectronics STF100N10F7 Datasheet HTML 4Page - STMicroelectronics STF100N10F7 Datasheet HTML 5Page - STMicroelectronics STF100N10F7 Datasheet HTML 6Page - STMicroelectronics STF100N10F7 Datasheet HTML 7Page - STMicroelectronics STF100N10F7 Datasheet HTML 8Page - STMicroelectronics STF100N10F7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
This is information on a product in full production.
November 2013
DocID023737 Rev 4
1/23
23
STB100N10F7, STD100N10F7,
STF100N10F7, STP100N10F7
N-channel 100 V, 0.0068
Ω typ., 80 A, STripFET™ VII DeepGATE™
Power MOSFET in D
2
PAK, DPAK, TO-220FP and TO-220
Datasheet - production data
Figure 1. Internal schematic diagram
Features
• Ultra low on-resistance
• 100% avalanche tested
Applications
• Switching applications
Description
These devices utilize the 7
th
generation of design
rules of ST’s proprietary STripFET™ technology,
with a new gate structure. The resulting Power
MOSFET exhibits the lowest R
DS(on)
in all
packages.
TO-220
1
2
3
TAB
DPAK
1
2
3
TO-220FP
1
3
TAB
D2PAK
1
3
TAB
Order codes
V
DS
R
DS(on)
max
I
D
P
TOT
STB100N10F7
100 V
0.008
Ω
80 A
120 W
STD100N10F7
80 A
120W
STF100N10F7
45 A
30 W
STP100N10F7
80A
150 W
Table 1. Device summary
Order codes
Marking
Packages
Packaging
STB100N10F7
100N10F7
D
2
PAK
Tape and reel
STD100N10F7
DPAK
Tape and reel
STF100N10F7
TO-220FP
Tube
STP100N10F7
TO-220
Tube
www.st.com


Similar Part No. - STF100N10F7

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STF100N10F7 ISC-STF100N10F7 Datasheet
290Kb / 2P
Isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STF100N10F7 STMICROELECTRONICS-STF100N10F7 Datasheet
652Kb / 28P
N-channel 100 V, 6.8 mΩ typ., 80 A STripFET™ F7 Power MOSFETs in D2PAK, DPAK, TO-220FP, I2PAK and TO-220 packages
18-Jun-2018
More results

Similar Description - STF100N10F7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD70N10F4 STMICROELECTRONICS-STD70N10F4 Datasheet
974Kb / 18P
N-channel 100 V, 0.015 廓, 60 A, STripFET??DeepGATE??Power MOSFET in TO-220, DPAK, TO-247, D2PAK
09-Oct-2009
STP45N10F7 STMICROELECTRONICS-STP45N10F7 Datasheet
1Mb / 19P
N-channel 100 V, 0.0145 typ., 45 A, STripFET VII DeepGATE Power MOSFETs in DPAK, I2PAK and TO-220 packages
October 2013 Rev 1
STF110N10F7 STMICROELECTRONICS-STF110N10F7 Datasheet
1Mb / 16P
N-channel 100 V, 5.1 mΩ typ., 110 A, STripFET™VII DeepGATE™ Power MOSFETs in TO-220FP and TO-220 packages
16-Jul-2013
STB140N10F4 STMICROELECTRONICS-STB140N10F4 Datasheet
380Kb / 13P
N-channel 100 V, 5.2 mΩ, 60 A TO-220, D2PAK, TO-220FP STripFET™ DeepGATE™ Power MOSFET
12-Jan-2008
STB85N15F4 STMICROELECTRONICS-STB85N15F4 Datasheet
555Kb / 12P
N-channel 150 V, 0.015 Ω, 85 A TO-220, D2PAK STripFET™ DeepGATE™ Power MOSFET
12-Jan-2009
STD10P6F6 STMICROELECTRONICS-STD10P6F6_V01 Datasheet
1Mb / 24P
P-channel -60 V, 0.13 Ω typ., -10 A STripFET™ F6 Power MOSFETs in DPAK, TO-220FP, TO-220 and IPAK packages
27-Jul-2015
STB100N10F7 STMICROELECTRONICS-STB100N10F7_V01 Datasheet
652Kb / 28P
N-channel 100 V, 6.8 mΩ typ., 80 A STripFET™ F7 Power MOSFETs in D2PAK, DPAK, TO-220FP, I2PAK and TO-220 packages
18-Jun-2018
STP85N15F4 STMICROELECTRONICS-STP85N15F4_V01 Datasheet
437Kb / 12P
N-channel 150 V, 0.015 Ω, 85 A TO-220, H2PAK STripFET™ DeepGATE™ Power MOSFET
07-Jul-2009
STD3NK90ZT4 STMICROELECTRONICS-STD3NK90ZT4_V01 Datasheet
563Kb / 24P
N-channel 900 V, 3.6 Ω typ., 3 A SuperMESH™ Power MOSFETs in DPAK, TO-220 and TO-220FP packages
20-Aug-2018
STD5NK60ZT4 STMICROELECTRONICS-STD5NK60ZT4 Datasheet
582Kb / 24P
N-channel 600 V, 1.2 Ω typ., 5 A SuperMESH™ Power MOSFET in DPAK, TO-220 and TO-220FP packages
22-Aug-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com