Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF100N10F7 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STF100N10F7
Description  N-channel 100 V, 0.0068 Ω typ., 80 A, STripFET™ VII DeepGATE™ Power MOSFET in D2PAK, DPAK, TO-220FP and TO-220
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF100N10F7 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STF100N10F7 Datasheet HTML 15Page - STMicroelectronics STF100N10F7 Datasheet HTML 16Page - STMicroelectronics STF100N10F7 Datasheet HTML 17Page - STMicroelectronics STF100N10F7 Datasheet HTML 18Page - STMicroelectronics STF100N10F7 Datasheet HTML 19Page - STMicroelectronics STF100N10F7 Datasheet HTML 20Page - STMicroelectronics STF100N10F7 Datasheet HTML 21Page - STMicroelectronics STF100N10F7 Datasheet HTML 22Page - STMicroelectronics STF100N10F7 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
Revision history
STB100N10F7, STD100N10F7, STF100N10F7, STP100N10F7
22/23
DocID023737 Rev 4
6
Revision history
Table 14. Document revision history
Date
Revision
Changes
05-Oct-2012
1
First release.
07-Feb-2013
2
– Inserted device in TO-220FP.
– Updated title and features on the cover page,
Table 1: Device
summary, Table 2: Absolute maximum ratings, Table 3: Thermal
resistance and Table 5: On/off states accordingly.
– Updated
Table 6: Dynamic, Table 7: Switching times, Table 8:
Source drain diode and Section 4: Package mechanical data.
– Added
Section 5: Packaging mechanical data.
29-Apr-2013
3
– Modified: the entire typical values in
Table 6, t
f
typical value
in
Table 7, V
SD
and typical values for t
rr
, q
rr
, I
RRM
– Inserted:
Table 4: Avalanche characteristics and Section 2.1:
Electrical characteristics (curves)
– Minor text changes
25-Nov-2013
4
– Inserted device in D
2
PAK.
– Updated title and features on the cover page,
Table 1: Device
summary, Table 2: Absolute maximum ratings, Table 3: Thermal
resistance and Table 5: On/off states accordingly.
– Updated
Table 6: Dynamic, Section 4: Package mechanical data
and
Section 5: Packaging mechanical data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com