Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UFM13PL Datasheet(PDF) 3 Page - Micro Commercial Components

Part # UFM13PL
Description  1 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

UFM13PL Datasheet(HTML) 3 Page - Micro Commercial Components

  UFM13PL Datasheet HTML 1Page - Micro Commercial Components UFM13PL Datasheet HTML 2Page - Micro Commercial Components UFM13PL Datasheet HTML 3Page - Micro Commercial Components UFM13PL Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MCC
TM
Micro Commercial Components
trr
+0.5A
0
-0.25
-1.0
1cm
Set Time Base for 20/100ns/cm
25Vdc
1
Ω
50
Ω
10
Ω
Oscilloscope
Note 1
Pulse
Generator
Note 2
Notes:
1. Rise Time = 7ns max.
Input impedance = 1 megohm, 22pF
2. Rise Time = 10ns max.
Source impedance = 50 ohms
3. Resistors are non-inductive
Figure 5
Reverse Recovery Time Characteristic And Test Circuit Diagram
1
100
4
0
5
10
15
8
Figure 4
Peak Forward Surge Current
Peak Forward Surge Current - Amperes
versus
Number Of Cycles At 60Hz - Cycles
Amps
Cycles
2
6
10
20
60 80
40
20
25
30
www.mccsemi.com
Revision: C
2013/01/01
3 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com