Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UFM13PL Datasheet(PDF) 1 Page - Micro Commercial Components

Part # UFM13PL
Description  1 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

UFM13PL Datasheet(HTML) 1 Page - Micro Commercial Components

  UFM13PL Datasheet HTML 1Page - Micro Commercial Components UFM13PL Datasheet HTML 2Page - Micro Commercial Components UFM13PL Datasheet HTML 3Page - Micro Commercial Components UFM13PL Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UFM11PL
THRU
UFM17PL
1 Amp Ultra Fast
Recovery
Silicon Rectifier
50 to 1000 Volts
Features
Ultra fast Recovery
High Reliability
Operating Temperature: -65 C to +150 C
Storage Temperature: -65 C to +150 C
Maximum Thermal Resistance; 180 C/W Junction To Ambient.
MCC
Part
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
UFM11
PL
U1
50V
35V
50V
UFM12
PL
U2
100V
70V
100V
UFM13
PL
U3
200V
140V
200V
UFM14
PL
U4
400V
280V
400V
UFM15
PL
U5
600V
420V
600V
Electrical Characteristics @ 25 C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0A
TL = 90 C
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
UFM11
PL-13PL
UFM14
PL
UFM1
5PL-17
PL
VF
1.0V
1.40V
1.70V
IFM = 1.0A;
Ta = 25 C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10 A
50 A
Ta = 25 C
Ta = 125 C
Maximum Reverse
Recovery Time
Typical Junction
Capacitance
CJ
20pF
Measured at
1.0MHz, VR=4.0V
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
TM
Micro Commercial Components
Revision: C
2013/01/01
www.mccsemi.com
1 of 4
SOD-123FL
0.036”
0.093”
0.048”
SUGGESTED SOLDER
PAD LAYOUT
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
B
E
C
D
H
G
UFM11
PL-13PL
UFM14PL
UFM1
5PL-16PL
Trr
35ns
50ns
75ns
IF = 0.5A,IR=1.0A,
Irr= 0.25
Α
UFM16
PL
U6
800V
560V
800V
UFM17
PL
U7
1000V
700V
1000V
UFM17
PL
100ns
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
Lead Free Finish/RoHS Compliant (Note1)("P"Suffix designates
Compliant. See ordering information)
Maximum Ratings
Note: 1. High Temperature Solder Exemption Applied, see EU Directive Annex 7.
A
.140
.152
3.55
3.85
B
.100
.122
2.55
3.10
C
.055
.075
1.40
1.90
D
.035
.053
0.90
1.35
E
.020
.041
0.50
1.05
G
.010
-----
0.25
-----
H
-----
.010
----
.25
•
Halogen free available upon request by adding suffix "-HF"


Similar Part No. - UFM13PL

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
UFM13PL MCC-UFM13PL Datasheet
249Kb / 4P
1 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
UFM13PL MCC-UFM13PL Datasheet
303Kb / 4P
1 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Nanjing International G...
UFM13PL DGNJDZ-UFM13PL Datasheet
962Kb / 3P
1 Amp Ultra Fast Recovery
logo
SUNMATE electronic Co.,...
UFM13PL SUNMATE-UFM13PL Datasheet
340Kb / 2P
ULTRA FAST RECOVERY SILICON RECTIFIER DIODES
More results

Similar Description - UFM13PL

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FR1A MCC-FR1A Datasheet
622Kb / 3P
1 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
UF4001 MCC-UF4001 Datasheet
371Kb / 2P
1 Amp Ultra Fast Recovery Rectifier 50 to 1000 Volts
UF4001 MCC-UF4001_11 Datasheet
231Kb / 3P
1 Amp Ultra Fast Recovery Rectifier 50 to 1000 Volts
UFM11PL MCC-UFM11PL Datasheet
249Kb / 4P
1 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
ES1A MCC-ES1A_13 Datasheet
305Kb / 4P
1 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
ES1A-TP MCC-ES1A-TP Datasheet
305Kb / 4P
1 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
UFM16PL-TP MCC-UFM16PL-TP Datasheet
303Kb / 4P
1 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
ER1A MCC-ER1A_13 Datasheet
203Kb / 4P
1 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
ES1AE MCC-ES1AE_14 Datasheet
375Kb / 4P
1 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Shanghai Leiditech Elec...
ER1A LEIDITECH-ER1A Datasheet
628Kb / 3P
1 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com