Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RI-TRP-RFOB-30 Datasheet(PDF) 2 Page - Texas Instruments

Part # RI-TRP-RFOB-30
Description  KEYRING TAG (READ ONLY/READ WRITE)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RI-TRP-RFOB-30 Datasheet(HTML) 2 Page - Texas Instruments

  RI-TRP-RFOB-30 Datasheet HTML 1Page - Texas Instruments RI-TRP-RFOB-30 Datasheet HTML 2Page - Texas Instruments RI-TRP-RFOB-30 Datasheet HTML 3Page - Texas Instruments RI-TRP-RFOB-30 Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
OPERATING CHARACTERISTICS
RI-TRP-RFOB-01, RI-TRP-WFOB-01
SCBS835 – JUNE 2002
over operating free-air temperature range (unless otherwise noted)
RI-TRP-RFOB-01
RI-TRP-WFOB-01
UNIT
Operating Temperature (Read)
–40 to +85
–40 to +85
°C
Operating Temperature (Program)
–40 to +70
°C
Storage Temperature
–40 to +85
–40 to +85
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
over operating free-air temperature range (unless otherwise noted)
PART NUMBER
PARAMETER
UNIT
RI-TRP-RFOB-01
RI-TRP-WFOB-01
Functionality
Read Only
Read/Write
Memory (Bits)
64
80(1)
Memory (Pages)
1
1
Operating Frequency
134.2
kHz
Modulation
FSK (Frequency Shift Keying) 134.2 kHz / 123.2 kHz
Transmission Principle
HDX (Half Duplex)
Power Source
Powered from the reader signal (batteryless)
Typical Reading Range
≤ 60(2)
cm
Typical Programming Range
30% of specified reading range
Typical Reading Time
70
ms
Typical Programming Time
309
ms
Typical Programming Cycles @ 25
°C
100,000
Case Material
Plastic (ABS) / glass insert (Transponder)
Protection Class
Hermetically sealed (Transponder)
EMC
Programmed code is not affected by normal electromagnetic interference or x-rays
Signal Penetration
Transponder can be read through virtually all non-metallic material
Drop Test
Dropped 10 times from a height of 1.90 m onto concrete
Dimensions
Ø 10.5 mm
× 37.5 mm ± 0.3 mm
Weight
Approx. 4.5
g
Reference Manual # 11-09-21-023
Reference Standard Transponder
23 mm Glass Encapsulated Transponder
(SCBU018)
(1)
We recommend that you split each 80 bit page into 64 user programmable bits plus a 16 bit wide CRC CCITT Block Check Character as
is done by TI-RFid™ LF readers.
(2)
Depending on RF regulation in country of use, the Reader Antenna configuration used, and the environmental conditions.
2
Submit Documentation Feedback



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com