Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RI-TRP-RFOB-30 Datasheet(PDF) 1 Page - Texas Instruments

Part # RI-TRP-RFOB-30
Description  KEYRING TAG (READ ONLY/READ WRITE)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RI-TRP-RFOB-30 Datasheet(HTML) 1 Page - Texas Instruments

  RI-TRP-RFOB-30 Datasheet HTML 1Page - Texas Instruments RI-TRP-RFOB-30 Datasheet HTML 2Page - Texas Instruments RI-TRP-RFOB-30 Datasheet HTML 3Page - Texas Instruments RI-TRP-RFOB-30 Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
RI-TRP-RFOB-01, RI-TRP-WFOB-01
SCBS835 – JUNE 2002
KEYRING TAG (READ ONLY/READ WRITE)
• Access Control
• Best in Class Performance Through Patented
HDX Technology
• Vehicle Identification
• Container Tracking
• Patented Transponder Tuning Provides Stable
and High Read/Write Performance
• Asset Management
• Waste Management
• 64 Bit Read Only, 80 Bit Read/Write
• ISO 11784/11785 Compliant
• Insensitive to Almost All Non Metallic
Materials
Texas Instruments’ 37.5 mm LF transponders are providing superior performance and operate at a resonance
frequency of 134.2 kHz. Specific products are compliant to ISO/IEC 11784/11785 global open standards. Texas
Instruments LF transponders are manufactured with TI’s patented tuning process to provide consistent read and
write performance. Prior to delivery, the transponders undergo complete functional and parametric testing, in
order to provide the high quality customers have come to expect from TI. The transponder is well suited for
usage in a broad range of applications including, but not limited to, access control, vehicle identification,
container tracking, asset management and waste management applications.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
TI-RFid is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - RI-TRP-RFOB-30

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RI-TRP-R4FF TI-RI-TRP-R4FF Datasheet
189Kb / 3P
CARD TRANSPONDER
RI-TRP-R4FF TI-RI-TRP-R4FF Datasheet
214Kb / 4P
CARD TRANSPONDER
RI-TRP-R4FF TI1-RI-TRP-R4FF Datasheet
645Kb / 5P
CARD TRANSPONDER
RI-TRP-R4FF-30 TI1-RI-TRP-R4FF-30 Datasheet
645Kb / 5P
CARD TRANSPONDER
RI-TRP-R4FF TI-RI-TRP-R4FF_09 Datasheet
214Kb / 4P
CARD TRANSPONDER
More results

Similar Description - RI-TRP-RFOB-30

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TK5552 ATMEL-TK5552 Datasheet
326Kb / 22P
Read/Write Transponder
logo
Hitachi Semiconductor
MA16688MP HITACHI-MA16688MP Datasheet
139Kb / 5P
READ / WRITE CIRCUIT
HA16688MP HITACHI-HA16688MP Datasheet
134Kb / 5P
READ / WRITE CIRCUIT
logo
Pepperl+Fuchs Inc.
IPH-30GM-V1 PF-IPH-30GM-V1 Datasheet
972Kb / 3P
Read/write head
IPH-F97-V1 PF-IPH-F97-V1 Datasheet
696Kb / 3P
Read/write head
IUT-F190-B40-2V1D-FR1-01 PF-IUT-F190-B40-2V1D-FR1-01 Datasheet
809Kb / 3P
Read/write station
IUH-F190-V1-FR1-01 PF-IUH-F190-V1-FR1-01 Datasheet
893Kb / 3P
Read/write head
IUH-F190-V1-FR1-15 PF-IUH-F190-V1-FR1-15 Datasheet
890Kb / 3P
Read/write head
IUH-F192-V1-FR1 PF-IUH-F192-V1-FR1 Datasheet
738Kb / 3P
Read/write head
IUH-F192-V1-FR2 PF-IUH-F192-V1-FR2 Datasheet
820Kb / 4P
Read/write head
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com