Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDK120C-R Datasheet(PDF) 7 Page - STMicroelectronics

Part # LDK120C-R
Description  200 mA low quiescent current very low noise LDO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDK120C-R Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LDK120C-R Datasheet HTML 3Page - STMicroelectronics LDK120C-R Datasheet HTML 4Page - STMicroelectronics LDK120C-R Datasheet HTML 5Page - STMicroelectronics LDK120C-R Datasheet HTML 6Page - STMicroelectronics LDK120C-R Datasheet HTML 7Page - STMicroelectronics LDK120C-R Datasheet HTML 8Page - STMicroelectronics LDK120C-R Datasheet HTML 9Page - STMicroelectronics LDK120C-R Datasheet HTML 10Page - STMicroelectronics LDK120C-R Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
DocID023965 Rev 5
7/24
LDK120
Electrical characteristics
5
Electrical characteristics
TJ = 25 °C, VIN = VOUT(NOM) + 1 V, CIN = COUT = 1 µF, IOUT = 1 mA, VEN = VIN, unless
otherwise specified.
Table 4. Electrical characteristics for LDK120 (fixed version)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIN
Operating input voltage
1.9
5.5
V
VOUT
VOUT accuracy
IOUT=1 mA, TJ=25 °C
-2.0
2.0
%
IOUT=1 mA, -40 °C<TJ<125 °C
-3.0
3.0
%
ΔVOUT
Static line regulation
VOUT +1 V ≤ VIN ≤ 5.5 V, IOUT=1 mA
0.05
%/V
ΔVOUT
Static load regulation
IOUT = 1 mA to 200 mA
0.006
%/mA
VDROP
Dropout voltage (1)
IOUT = 100 mA, VOUT=2.5 V
100
mV
IOUT = 200 mA, VOUT=2.5 V
40 °C<TJ<125 °C
150
300
eN
Output noise voltage
10 Hz to 100 kHz, IOUT=10 mA,
VOUT=2.5 V, CBYP=10 nF
51
µVRMS
eN
(2)
Output noise voltage
10 Hz to 100 kHz, IOUT=10 mA,
VOUT=2.5 V
148
µVRMS
SVR
Supply voltage
rejection
VIN=VOUTNOM+0.5 V+/-VRIPPLE
VRIPPLE=0.1 V Freq.=120 Hz to 10
kHz IOUT=10 mA
55
dB
IQ
Quiescent current
IOUT=0 mA, -40 °C<TJ<125 °C
30
60
µA
IOUT=200 mA, -40 °C<TJ<125 °C
50
100
VIN input current in OFF mode:
VEN=GND
1
ISC
Short-circuit current
RL=0
400
mA
VEN
Enable input logic low
VIN=1.9 V to 5.5 V, -40 °C<TJ<125 °C
0.4
V
Enable input logic high
VIN=1.9 V to 5.5 V, -40 °C<TJ<125 °C
1.2
IEN
Enable pin input current VSHDN=VIN
100
nA
TSHDN
Thermal shutdown
160
°C
Hysteresis
20
COUT
Output capacitor
Capacitance (see Section 6: Typical
performance characteristics)
122
µF
1.
Dropout voltage is the input-to-output voltage difference at which the output voltage is 100 mV below its nominal value.
2.
Valid for D version or standard version without CBYP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com