Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDK120C-R Datasheet(PDF) 10 Page - STMicroelectronics

Part # LDK120C-R
Description  200 mA low quiescent current very low noise LDO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDK120C-R Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LDK120C-R Datasheet HTML 6Page - STMicroelectronics LDK120C-R Datasheet HTML 7Page - STMicroelectronics LDK120C-R Datasheet HTML 8Page - STMicroelectronics LDK120C-R Datasheet HTML 9Page - STMicroelectronics LDK120C-R Datasheet HTML 10Page - STMicroelectronics LDK120C-R Datasheet HTML 11Page - STMicroelectronics LDK120C-R Datasheet HTML 12Page - STMicroelectronics LDK120C-R Datasheet HTML 13Page - STMicroelectronics LDK120C-R Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Typical performance characteristics
LDK120
10/24
DocID023965 Rev 5
Figure 12. Load regulation vs. temp. for
adjustable version
Figure 13. Load regulation vs. temp. for fixed
version
Figure 14. Enable pin thresholds vs. temp.
(VIN = 1.9 V)
Figure 15. Enable pin thresholds vs. temp.
Figure 16. Quiescent current vs. temp. for
adjustable version (IO = 0 mA)
Figure 17. Quiescent current vs. temp. for
adjustable version (IO = 200 mA)
AM16202v1
0
0.002
0.004
0.006
0.008
0.01
-50
-25
0
25
50
75
100
125
150
Temperature [°C]
VIN = 1.9 V, IOUT from 1 mA to 200 mA
AM16203v1
0
0.002
0.004
0.006
0.008
0.01
-50
-25
0
25
50
75
100
125
150
Temperature [°C]
V IN = 4 V, I OUT from 1 mA to 200 mA
AM16204v1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-50
-25
0
25
50
75
100
125
150
Temperature [°C]
V
IN = 1.9 V, I OUT = 1 mA
Low
High
AM16205v1
V
IN = 5.5 V, I OUT = 1 mA
0.000
0.200
0.400
0.600
0.800
1.000
1.200
1.400
1.600
-50
-25
0
25
50
75
100
125
150
Temperature [°C]
Low
High
AM16206v1
V
IN = 1.9 V, I OUT = 0 mA
0
10
20
30
40
50
60
70
80
90
100
-50
-25
0
25
50
75
100
125
150
Temperature [ °C]
AM16207v1
0
20
40
60
80
100
120
140
160
180
200
-50
-25
0
25
50
75
100
125
150
Temperature [°C]
V
IN = 1.9 V, I OUT = 200 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com