Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC100PW-EX Datasheet(PDF) 4 Page - MORNSUN Science& Technology Ltd.

Part # TC100PW-EX
Description  PROGRAMMABLE THERMOCOUPIES ISOLATION SAFETY BARRIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

TC100PW-EX Datasheet(HTML) 4 Page - MORNSUN Science& Technology Ltd.

  TC100PW-EX Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. TC100PW-EX Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. TC100PW-EX Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. TC100PW-EX Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
TCxxxPW-EX
2013.11.01-A/0
Page 4 of4
Note:
1. All specifications measured at Ta=25
°C, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
2. In this datasheet, all the test setup and methods are based on our corporate standards.
3. All characteristics are meant for listed model, non-standard models may perform differently, you can contact MORNSUN FAE for more details.
4. Contact us for your specific requirement.
5. Specifications are subject to change without prior notice.
MORNSUN Science & Technology Co.,Ltd.
Address: No. 5, Kehui St. 1, Kehui development center, Science Ave., Guangzhou Science City, Luogang district, Guangzhou,P.R.China.
Tel: 86-20-38601850
Fax:86-20-38601272
E-mail: info@mornsun.cn
Http://www.mornsun-power.com
TC600PW-EX
TC640PW-EX
TC602PW-EX
12
11
Power
8
7
Channel 1
5
6
10
9
Channel 2
Channel 1
Safe
Area
Hazardous
Area
mV
RL
4
20mA
RL
4
20mA
Vo1
RL
Vo2
RL
RL
4
20mA
Ue
RL
4
20mA
Ue
C urrent source
output
Voltage source
output
Loop supply pow eroutput
O utput
channel 1
O utput
channel 1
Output
channel 2
Output
channel 2
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
INSTALLATION& DISASSEMBLY
Installation
DIN35mm standard rail installation:
1.Insert the top of the instrument card in the rail;
2.Push the bottom of the instrument into the rail.
1
2
Disassembly
1. Insert a screwdriver between the bottom of the card lock and the rail;
2. Pull up the screwdriver and press the card lock downwards;
3. Pull the instrument out of the rail.
1
2
3
PACKAGING DIMENSION& PACKAGING DIAGRAM



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com