Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC100PW-EX Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # TC100PW-EX
Description  PROGRAMMABLE THERMOCOUPIES ISOLATION SAFETY BARRIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

TC100PW-EX Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  TC100PW-EX Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. TC100PW-EX Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. TC100PW-EX Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. TC100PW-EX Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
TCxxxPW-EX
2013.11.01-A/0
Page 3 of4
OTHER CHARACTERISTICS
Temperature
Operating temperature:-25~+71℃
Transport and storage temperature:-40~+85℃
Package
35mm DIN-rail package: T-rail card package (DIN50022), pluggable connection pin, thickness 12.5mm
Safety Class
IP20(IEC60529 / EN60529)
Weight
1 input 1 output: about 100g; 1 input 2 output: about 135g
CONNECTION
1. Connection used dismountable terminals;
2. Cross section area of wiring: 0.5mm2 ~2.5 mm2;
3. The length of bare wire is about 8mm, locked up by the M3 bolt.
Selection guidelines for intrinsically safety explosion protection system
1.
The explosion protection grade of the barrier must be not less than that of intrinsically safety explosion protection device in spot.
2.
Take inconsideration of hazardous end output resistance and loop resistance make sure the barrier output voltage meets the minimum
operation voltage requirement of intrinsically safety device in spot.
3.
The safety parameters about intrinsically safety end meets:
Uo
≤ UI, Io ≤ Iin, Po ≤ Pin
Co
≥ Cin, Lo ≥ Lin
4.
Select suitable safety barrier which matches the intrinsically safety device in spot according to the power polarity, signal type and transmission
mode about the device.
5.
Much more protection is required, which can avoid the influence of the leakage current generated by safety barrier on intrinsically safety device
in spot.
Operation notes
1. Please read the user manual carefully before using. If any question please contact our technical support department.
2. Please do not use this product in hazardous area.
3. The power supply of this product should be DC power source. It is forbidden to use 220VAC power supply.
4. To avoid invalid explosion protection function, or any failure, users disassemble this product is forbidden.
APPLICATION CIRCUIT DIAGRAM&
PIN DESCRIPTION
Bottom power supply port
11
12
9
10
7
8
Inside
1
2
3
4
5
6
Outside
Inside
Outside
Inside
Outside
Inside
Outside
Inside
Outside
Inside
Outside
Note: When use bottom power supply, anyone group or both is OK.
PIN
Description (1 input 2 output)
1
NC
2
NC
3
NC
4
NC
5
Signal 1 input-
6
Signal 1 output+
7
Signal 1 output-
8
Signal 2 output+
9
Signal 2 output-
10
power input+
11
power input-
12
Signal 1 input+
TC100PW-EX
TC140PW-EX
TC102PW-EX
5
6
Channel1
8
7
Channel1
12
11
Power
Safe
Area
mV
H azardous
Ar ea
RL
4
20mA
Vo
RL
Current source
output
Voltage source
output
+
-
+
-
RL
4
20mA
+
-
Ue
+
-
Loop Supply power output
Output
channel
Output
channel



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com