Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM4T68AY Datasheet(PDF) 11 Page - STMicroelectronics

Part # SM4T68AY
Description  Automotive 400 W Transil
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM4T68AY Datasheet(HTML) 11 Page - STMicroelectronics

Back Button SM4T68AY Datasheet HTML 4Page - STMicroelectronics SM4T68AY Datasheet HTML 5Page - STMicroelectronics SM4T68AY Datasheet HTML 6Page - STMicroelectronics SM4T68AY Datasheet HTML 7Page - STMicroelectronics SM4T68AY Datasheet HTML 8Page - STMicroelectronics SM4T68AY Datasheet HTML 9Page - STMicroelectronics SM4T68AY Datasheet HTML 10Page - STMicroelectronics SM4T68AY Datasheet HTML 11Page - STMicroelectronics SM4T68AY Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
SM4TY
Ordering information
Doc ID 17862 Rev 3
11/12
5
Ordering information
6
Revision history
Table 5.
Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery mode
SM4TxxxAY/CAY(1)
1.
Where xxx is nominal value of VBR and A or CA indicates unidirectional or bidirectional version. See
Table 2 for list of available devices and their order codes
See Table 4 on page 10
SMA
0.072 g
5000
Tape and reel
Table 6.
Document revision history
Date
Revision
Changes
08-Sep-2010
1
Initial release.
09-Nov-2011
2
Added order codes in Table 2 and Table 4. Updated
Figure 5, 6 and 7.
27-Mar-2012
3
Added footnote on page 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com