Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM4T68AY Datasheet(PDF) 5 Page - STMicroelectronics

Part # SM4T68AY
Description  Automotive 400 W Transil
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM4T68AY Datasheet(HTML) 5 Page - STMicroelectronics

  SM4T68AY Datasheet HTML 1Page - STMicroelectronics SM4T68AY Datasheet HTML 2Page - STMicroelectronics SM4T68AY Datasheet HTML 3Page - STMicroelectronics SM4T68AY Datasheet HTML 4Page - STMicroelectronics SM4T68AY Datasheet HTML 5Page - STMicroelectronics SM4T68AY Datasheet HTML 6Page - STMicroelectronics SM4T68AY Datasheet HTML 7Page - STMicroelectronics SM4T68AY Datasheet HTML 8Page - STMicroelectronics SM4T68AY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
SM4TY
Characteristics
Doc ID 17862 Rev 3
5/12
Figure 11.
Peak forward voltage drop versus peak forward current (typical values)
Figure 9.
Thermal resistance junction to
ambient versus copper surface
under each lead
Figure 10.
Leakage current versus junction
temperature (typical values)
0
10
20
30
40
50
60
70
80
90
100
110
120
130
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
R
(°C/W)
th(j-a)
S (cm²)
Cu
Printed circuit board FR4,
copper thickness = 35 µm
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
25
50
75
100
125
150
I (nA)
R
T (°C)
j
V= V
V10 V
RRM
RM ≥
V= V
V
< 10 V
RRM
RM
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
T = 125 °C
j
I (A)
FM
T = 25 °C
j
V
(V)
FM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com