Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM4530P Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # TM4530P
Description  Isolated Transmitter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

TM4530P Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  TM4530P Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. TM4530P Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. TM4530P Datasheet HTML 3Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Isolated Transmitter
TMxxxxP Series
2014.03.18-A/4
Page 1 of3
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
mV-level signal isolated transmitter
RoHS
FEATURES
l
Three-terminal isolation (signal input, signal output,
power supply)
l
High precision grade (0.1% F.S.)
l
High linearity (0.1% F.S.)
l
Extremely low temperature drift (50PPM/°C)
l
Industrial grade (range of operating temperature:
-25 to +71°C)
l
High reliability (MTBF >500,000 hours)
TMxxxxP series ----are mV-level isolation amplifier can receive the mV-voltage signal input from the field, and transmit a standard output
signal to the control room or DCS after isolated. With characteristics of high output accuracy, good linearity and low temperature drift, it
needs an independent power supply. These modules have three-port isolation(input, output and power supply).
Selection Guide
Part No.
Power Supply input (VDC)
Input Signal
Output Signal
Isolation Power
Output (VDC)
TM1130P
24
0~10 mV
4~20mA
None
TM3130P
24
0~30mV
4~20mA
None
TM4130P
24
0~50mV
4~20mA
None
TM4150P
12
0~50mV
4~20mA
None
TM5230P
24
0~75mV
0~20mA
None
TM6130P
24
0~100mV
4~20mA
None
TM4530P
24
0~50mV
0~10V
None
TM2550P
12
0~20mV
0~10V
None
TM2650P
12
0~20mV
0~5V
None
TM3650P
12
0~30mV
0~5V
None
TM4530P
24
0~50mV
0~10V
None
TM4630P
24
0~50mV
0~5V
None
TM4650P
12
0~50mV
0~5V
None
TM4660P
5
0~50mV
0~5V
None
TM4S30P-2.5
24
0~50mV
0~2.5V
None
TM4S50P-2.5
12
0~50mV
0~2.5V
None
TM5530P
24
0~75mV
0~10V
None
TM5630P
24
0~75mV
0~5V
None
TM5650P
12
0~75mV
0~5V
None
TM6530P
24
0~100mV
0~10V
None
TM6630P
24
0~100mV
0~5V
None
TM6650P
12
0~100mV
0~5V
None
TM6S50P-3.3
12
0~100mV
0~3.3V
None
TM2S60P-2.5
5
0~20mV
0~2.5V
None
TM5130P
24
0~75mV
4~20mA
None
TM6660P
5
0~100mV
0~5V
None
Notes: Customization products are available if required.
Input Specifications
Item
Operating Conditions
Value
Input Power
Supply
Input voltage
(Nominal value of power supply input) ±5%
Input power
≤
1W
Power supply protection
Reverse polarity protection


Similar Part No. - TM4530P

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TM4530CP MORNSUN-TM4530CP Datasheet
1Mb / 4P
Active high precision signal conditioning module with millivolt level positive and negative signal for input and output
2020.01.08-B/4
TM4530CP MORNSUN-TM4530CP Datasheet
1Mb / 4P
Active high precision signal conditioning module with millivolt level positive and negative signal for input and output
2020.01.08-B/4
TM4530CP MORNSUN-TM4530CP Datasheet
1Mb / 4P
Active high precision signal conditioning module with millivolt level positive and negative signal for input and output
2020.01.08-B/4
TM4530CP MORNSUN-TM4530CP Datasheet
1Mb / 4P
Active high precision signal conditioning module with millivolt level positive and negative signal for input and output
2020.01.08-B/4
TM4530CP MORNSUN-TM4530CP Datasheet
1Mb / 4P
Active high precision signal conditioning module with millivolt level positive and negative signal for input and output
2020.01.08-B/4
More results

Similar Description - TM4530P

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
T5130AP MORNSUN-T5130AP Datasheet
196Kb / 3P
Isolated Transmitter
TA100PW MORNSUN-TA100PW Datasheet
345Kb / 5P
Isolated Transmitter
TF5134N MORNSUN-TF5134N Datasheet
179Kb / 4P
Isolated Transmitter
TM2130AP MORNSUN-TM2130AP Datasheet
320Kb / 3P
Isolated Transmitter
TP210 MORNSUN-TP210 Datasheet
226Kb / 4P
Isolated Transmitter
T6S60L-6.25 MORNSUN-T6S60L-6.25 Datasheet
325Kb / 3P
Isolated Transmitter
T1130DS MORNSUN-T1130DS Datasheet
341Kb / 4P
Isolated Transmitter
TS13AD-2 MORNSUN-TS13AD-2 Datasheet
208Kb / 3P
Isolated Transmitter
T1130P MORNSUN-T1130P Datasheet
226Kb / 4P
Isolated Transmitter
logo
Texas Instruments
UC1726 TI1-UC1726_12 Datasheet
350Kb / 7P
Isolated Drive Transmitter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com